Electronic Components Datasheet Search
  English  ▼

X  

SH0082A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SH0082A
Description  CENTERTAP RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0082A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SH0082A Datasheet HTML 1Page - Solid States Devices, Inc SH0082A Datasheet HTML 2Page - Solid States Devices, Inc SH0082A Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0082A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638-5223
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SSR__ C __ __ __ __ __
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└ Screening2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Lead Bend Options
__ = Straight Leads
DB = Down Bend
UB = Up Bend
Package
N = TO-258
P = TO-259
Configuration
CT = Common Cathode
CA = Common Anode
D = Doubler
Voltage
50 = 500 V
60 = 600 V
Current
80 = 80 A
40 = 40 A (for Doubler)
SSR80C60CT and
SSR40C60D Series
80 AMP
SCHOTTKY SILICON CARBIDE
CENTERTAP RECTIFIER
500 - 600 Volts
FEATURES:
High Voltage: 600V
Very High Operating Temperature, 200°C
No Recovery Time (tfr or trr)
High Current Operation: 80A
Hermetically Sealed, Isolated Power Package
TX, TXV, and Space Level Screening Available
- Consult Factory
MAXIMUM RATINGS3/
Symbol
Value
Units
Peak Repetitive Reverse and
Peak Surge Reverse Voltage
SSR80C50CT / SSR40C50D
SSR80C60CT / SSR40C60D
VRRM
VRSM
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave)
Per Leg
Total
SSR40C_0D
IO
40
80
40
Amps
Non Repetitive Peak Surge Current
(8.3 ms Pulse, Half Sine Wave)
Per Leg
IFSM
100
Amps
Power Dissipation
(TC = 25°C)
PD
120
Watts
Operating & Storage Temperature
4/
TOP & Tstg
-55 to +200
oC
Maximum Thermal Resistance
Junction to Case, Per Leg
RθJC
1.5
(1.1 typ)
oC/W
Notes:
TO-258 (N)
TO-259 (P)
1/ For ordering information, price, and availability, contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on
request.
3/ Unless otherwise specified, all electrical characteristics @25ºC
4/ If High temp operation is desired (>175°C), consult factory for soldering
consideration.


Similar Part No. - SH0082A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0082A SSDI-SH0082A_15 Datasheet
146Kb / 3P
SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
More results

Similar Description - SH0082A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0024 SSDI-RA0024 Datasheet
81Kb / 2P
CENTERTAP RECTIFIER
RC0068 SSDI-RC0068 Datasheet
100Kb / 2P
CENTERTAP RECTIFIER
RU0087D SSDI-RU0087D Datasheet
81Kb / 2P
Centertap Rectifier
RU0089F SSDI-RU0089F Datasheet
135Kb / 3P
CENTERTAP RECTIFIER
SH0029E SSDI-SH0029E Datasheet
106Kb / 2P
Centertap Rectifier
SH0049C SSDI-SH0049C Datasheet
85Kb / 2P
Centertap Rectifier
RA0025 SSDI-RA0025_15 Datasheet
82Kb / 2P
CENTERTAP RECTIFIER
RA0050C SSDI-RA0050C_15 Datasheet
113Kb / 2P
CENTERTAP RECTIFIER
RC0027F SSDI-RC0027F_15 Datasheet
118Kb / 2P
CENTERTAP RECTIFIER
RH0145 SSDI-RH0145_15 Datasheet
229Kb / 2P
CENTERTAP RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com