Electronic Components Datasheet Search
  English  ▼

X  

HT-159RYG Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # HT-159RYG
Description  Reverse Mountable 1206 (3216) with Dome Lens
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-159RYG Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button HT-159RYG Datasheet HTML 5Page - List of Unclassifed Manufacturers HT-159RYG Datasheet HTML 6Page - List of Unclassifed Manufacturers HT-159RYG Datasheet HTML 7Page - List of Unclassifed Manufacturers HT-159RYG Datasheet HTML 8Page - List of Unclassifed Manufacturers HT-159RYG Datasheet HTML 9Page - List of Unclassifed Manufacturers HT-159RYG Datasheet HTML 10Page - List of Unclassifed Manufacturers HT-159RYG Datasheet HTML 11Page - List of Unclassifed Manufacturers HT-159RYG Datasheet HTML 12Page - List of Unclassifed Manufacturers HT-159RYG Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Reverse Mountable 1206 (3216) with Dome Lens
HT-159R Series
Official Product
Product: HT-159R Series
Data Sheet No.
Tentative Product
****************
HT-159R Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
Nov. 14, 2007
Version of 1.2
Page
9/26
▓
Luminous Intensity (Iv) Bin:
Luminous Intensity Range (mcd)
Luminous Intensity Range (mcd)
Bin
Minimum
Maximum
Bin
Minimum
Maximum
L1
11.2
14.2
L2
14.2
18.0
M1
18.0
22.5
M2
22.5
28.5
N1
28.5
36.0
N2
36.0
45.0
P1
45.0
57.0
P2
57.0
71.5
Q1
71.5
90.0
Q2
90.0
112.5
R1
112.5
142.0
R2
142.0
180.0
S1
180.0
227.0
S2
227.0
285.0
T1
285.0
320.0
T2
320.0
360.0
U1
360.0
400.0
U2
400.0
450.0
V1
450.0
500.0
V2
500.0
560.0
W1
560.0
630.0
W2
630.0
715.0
X1
715.0
800.0
X2
800.0
900.0
Y1
900.0
1000.0
Y2
1000.0
1125.0
Z1
1125.0
1270.0
Z2
1270.0
1440.0
AA1
1440.0
1610.0
AA2
1610.0
1800.0
AB1
1800.0
2010.0
AB2
2010.0
2250.0
AC1
2250.0
2530.0
AC2
2530.0
2850.0
@20mA / Ta=25
O C, Tolerance: + 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com