Electronic Components Datasheet Search
  English  ▼

X  

HT-159RY Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # HT-159RY
Description  Reverse Mountable 1206 (3216) with Dome Lens
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-159RY Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button HT-159RY Datasheet HTML 6Page - List of Unclassifed Manufacturers HT-159RY Datasheet HTML 7Page - List of Unclassifed Manufacturers HT-159RY Datasheet HTML 8Page - List of Unclassifed Manufacturers HT-159RY Datasheet HTML 9Page - List of Unclassifed Manufacturers HT-159RY Datasheet HTML 10Page - List of Unclassifed Manufacturers HT-159RY Datasheet HTML 11Page - List of Unclassifed Manufacturers HT-159RY Datasheet HTML 12Page - List of Unclassifed Manufacturers HT-159RY Datasheet HTML 13Page - List of Unclassifed Manufacturers HT-159RY Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Reverse Mountable 1206 (3216) with Dome Lens
HT-159R Series
Official Product
Product: HT-159R Series
Data Sheet No.
Tentative Product
****************
HT-159R Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
Nov. 14, 2007
Version of 1.2
Page
10/26
▓
Wavelength (λD) Bin:
Wavelength Range (nm)
Bin
Bright Red
(UR)
Red
(SD)
Orange
(D)
Yellow
(Y)
Yellow Green
(YG)
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
-
635.0 650.0 615.0 635.0
A
597.0 600.0 582.0 584.5 561.5 564.5
B
600.0 603.0 584.6 587.0 564.5 567.5
C
603.0 606.0 587.0 589.5 567.5 570.5
D
606.0 609.0 589.5 592.0 570.5 573.5
E
609.0 612.0 592.0 594.5 573.5 576.5
F
612.0 615.0 594.5 597.0
H
J
@20mA / Ta=25
O C, Tolerance: + 0.5nm
Wavelength Range (nm)
Red
(USD)
Deep Red
(URO)
Orange
(UD)
Yellow
(UY)
Yellow Green
(UYG)
Bin
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
-
615.0 630.0 630.0 650.0
A
597.0 600.0 582.0 584.5 561.5 564.5
B
600.0 603.0 584.6 587.0 564.5 567.5
C
603.0 606.0 587.0 589.5 567.5 570.5
D
606.0 609.0 589.5 592.0 570.5 573.5
E
609.0 612.0 592.0 594.5 573.5 576.5
F
612.0 615.0 594.5 597.0
H
J
@20mA / Ta=25
O C, Tolerance: + 0.5nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com