Electronic Components Datasheet Search
  English  ▼

X  

T00006 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # T00006
Description  UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

T00006 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  T00006 Datasheet HTML 1Page - Solid States Devices, Inc T00006 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STA15K7.5P thru
STA15K100P
Solid State Devices, Inc.
14701 Firestone Blvd, La Mirada, Ca 90638
Phone: (562) 404-4474
Fax: (562) 404-1773
ssdi@ssdi-power.com
www.ssdi-power.com
ELECTRICAL CHARACTERISTICS
Break Down (note 1)
Max Reverse Stand Off
Peak Pulse Clamping
Part
Number
(note 5)
Nominal
Voltage
Test
Current
Voltage
Reverse
Leakage
Current
Voltage
(Max)
@ Current
Tp=1ms
(note 4)
Maximum
Continuous
Current
(note 4)
Dynamic
Impedance
(note 2)
Max
Temperat
ure
Coefficient
VBR
@IBRT
VRWM
IR@VRWM
VC
IPP
IRM
ZBR@IBRT
TC
Volts
Amps
Volts
mA
Volts
Amps
Amps
Ohms
%/°C
STA15K7.5P
STA15K8.2P
STA15K9.1P
STA15K10P
STA15K11P
STA15K12P
STA15K13P
STA15K15P
STA15K16P
STA15K18P
STA15K20P
STA15K22P
STA15K24P
STA15K27P
STA15K30P
STA15K33P
STA15K36P
STA15K39P
STA15K43P
STA15K47P
STA15K51P
STA15K56P
STA15K62P
STA15K68P
STA15K75P
STA15K82P
STA15K91P
STA15K100P
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
1.75
1.50
1.50
1.25
1.25
1.00
1.00
0.75
0.75
0.65
0.65
0.50
0.50
0.50
0.40
0.40
0.30
0.30
0.30
0.25
0.25
0.20
0.20
0.20
0.20
0.15
0.15
0.15
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
15.0
12.0
0.40
0.20
0.15
0.10
0.04
0.02
0.02
0.02
0.02
0.02
0.02
0.02
0.02
0.02
0.02
0.02
0.02
0.02
0.02
0.02
0.02
0.02
0.02
0.02
0.02
0.02
11.7
12.5
13.8
15.0
16.2
17.3
19.0
22.0
23.5
26.5
29.0
31.9
34.7
38.5
42.9
46.9
50.0
55.6
60.0
65.2
71.4
78.9
88.2
93.7
107.1
115.4
125.0
136.4
1280
1200
1090
1000
930
870
790
680
640
570
520
470
430
390
350
320
300
270
250
230
210
190
170
160
140
130
120
110
12.5
11.5
10.2
9.5
8.6
7.7
7.0
6.0
5.5
5.0
4.4
3.9
3.6
3.1
2.8
2.6
2.4
2.1
1.8
1.75
1.7
1.6
1.5
1.3
1.2
1.1
1.0
.9
0.07
0.08
0.09
0.10
0.11
0.11
0.12
0.12
0.13
0.13
0.15
0.16
0.18
0.25
0.40
0.50
0.60
0.70
1.0
1.2
1.4
1.8
2.0
2.2
2.5
3.0
4.0
4.5
.03
.03
.03
.05
.05
.05
.05
.05
.06
.06
.06
.06
.06
.06
.06
.06
.06
.06
.06
.07
.07
.07
.07
.08
.08
.08
.08
.09
PEAK PULSE POWER VS. PULSE WIDTH
CURRENT PULSE WAVEFORM
STEADY STATE POWER DERATING
PULSE WIDTH
CASE TEMPERATURE (
°C)
For optional high reliability screening or higher zener voltages, consult SSDI MARKETING Department.
Notes:
1.
All voltages are measured with automated test set using 35 msec test time. Longer or shorter test times will have a corresponding effect on the measured value
due to heating effects.
2.
Dynamic impedance is derived from the AC voltage divided by the AC current with RMS value of 10% of DC test current superimposed on the test current.
3.
Ratings based on 25° C case temperature.
4. Pulse width (tp) is delined as the time from rated peak pulse current IPP to the point where peak pulse current decayed to 50% of rated IPP.
(10ms X 1000ms waveform as defined by R.E.A.)
5.
Part Number- For 5% Voltage Tolerance, sp ecify “B” in place of “A”



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com