Electronic Components Datasheet Search
  English  ▼

X  

HT-159RTW Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HT-159RTW
Description  Reverse Mountable 1206 (3216) with Dome Lens
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-159RTW Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HT-159RTW Datasheet HTML 3Page - List of Unclassifed Manufacturers HT-159RTW Datasheet HTML 4Page - List of Unclassifed Manufacturers HT-159RTW Datasheet HTML 5Page - List of Unclassifed Manufacturers HT-159RTW Datasheet HTML 6Page - List of Unclassifed Manufacturers HT-159RTW Datasheet HTML 7Page - List of Unclassifed Manufacturers HT-159RTW Datasheet HTML 8Page - List of Unclassifed Manufacturers HT-159RTW Datasheet HTML 9Page - List of Unclassifed Manufacturers HT-159RTW Datasheet HTML 10Page - List of Unclassifed Manufacturers HT-159RTW Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Reverse Mountable 1206 (3216) with Dome Lens
HT-159R Series
Official Product
Product: HT-159R Series
Data Sheet No.
Tentative Product
****************
HT-159R Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
Nov. 14, 2007
Version of 1.2
Page
7/26
Label Specifications
▓
Harvatek P/N:
H T - 1 5 9 R XXX -
ZZZZ
Series Name
Emitting Color
Customer Code
HT-159R
HT: Harvatek
159: Reverse Mountable 1206
series with 1.6mm Dome Lens
Reverse Mount Taping
3.2 (L) x 1.6 (W) x 1.85 (H) mm
XXX
YG: Yellow Green
Y: Yellow
D: Orange
SD: Red
UR: Bright Red
UYG: Ultra Bright Yellow Green
UY: Ultra Bright Yellow
UD: Ultra Bright Orange
USD: Ultra Bright Red
URO: Ultra Deep Red
NB: Blue
NG: True Green
TW: White
ZZZZ
Customer Product Code (TBD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com