Electronic Components Datasheet Search
  English  ▼

X  

TG0002 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # TG0002
Description  FAST POWER IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TG0002 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  TG0002 Datasheet HTML 1Page - Solid States Devices, Inc TG0002 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLID STATE DEVICES, INC.
SSG42N60
SERIES
DATA SHEET #:
TG0002A
MAXIMUM RATINGS
SYMBOL
UNITS
VALUE
IC(pk)
IIFSM
140
300
Peak Collector Current
Collector-Emitter Voltage
VCEO
600
Amps
Volts
W
oC/W
50 AMP
600 VOLTS
FAST
POWER IGBT
Thermal Resistance,
Junction to Case
RθθθθθJC
Total Device Dissipation @ TC = 25
oC
PD
VGE
E
E
E
E
E20
Gate Emitter Voltage
Volts
DESIGNER'S DATA SHEET
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
SSG42N60 N _ TX
Part Number /Ordering Information 1/
Screening 2/: _ = Not Screened
TX
= TX Level
TXV = TXV Level
S
= Space Level
Lead Bend 3/4/_ = Straight
UB = Up Bend
DB = Down Bend
Package: 3/ N
= TO-258, Isolated
P
= TO-259, Isolated
S2 = SMD2
APPLICATION NOTES:
• 600V IGBT Technology
•
Positive Temperature Coefficient for Ease of
Paralleling
•
High Current Switching for Motor Drives and
Inverters
•
Low Saturation Voltage at High Currents.
•
Low Switching Losses.
•
High Short Circuit Capability
•
MOS Input, Voltage Controlled.
•
Ultra Fast Free Wheeling Diodes
•
Hermetic Sealed Construction.
•
TX, TXV, and S-Level Screening Available.
oC
Operating and Storage Temperature
TJ, TSTG
-65 to +200
200
0.8
0.7
IC
IO
70
42
40
Continuous Collector Current
@ TC = 25
oC
@ TC = 90
oC
Average Diode Current
@ TC = 25
oC
Amps
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
TO-259 (P)
SMD2 (S2)
TO-258 (N)
N, P
S2


Similar Part No. - TG0002

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TG0002 SSDI-TG0002_15 Datasheet
32Kb / 2P
FAST POWER IGBT
More results

Similar Description - TG0002

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPU165MF IRF-CPU165MF Datasheet
498Kb / 8P
IGBT SIP MODULE Fast IGBT
CPV362MF IRF-CPV362MF Datasheet
458Kb / 8P
IGBT SIP MODULE Fast IGBT
CPV363MF IRF-CPV363MF Datasheet
453Kb / 8P
IGBT SIP MODULE Fast IGBT
logo
Advanced Power Technolo...
APT11GF120KR ADPOW-APT11GF120KR Datasheet
25Kb / 2P
FAST IGBT
APT33GF120BR ADPOW-APT33GF120BR Datasheet
89Kb / 5P
Fast IGBT
logo
Solid States Devices, I...
TG0004B SSDI-TG0004B Datasheet
165Kb / 2P
Fast Power IGBT
TG0002 SSDI-TG0002_15 Datasheet
32Kb / 2P
FAST POWER IGBT
TG0004B SSDI-TG0004B_15 Datasheet
165Kb / 2P
Fast Power IGBT
logo
Vishay Siliconix
VS-CPV362M4UPBF VISHAY-VS-CPV362M4UPBF Datasheet
263Kb / 10P
IGBT SIP Module(Fast IGBT)
25-Oct-17
VS-CPV362M4FPBF VISHAY-VS-CPV362M4FPBF Datasheet
237Kb / 9P
IGBT SIP Module (Fast IGBT)
25-Oct-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com