Electronic Components Datasheet Search
  English  ▼

X  

TG0004B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # TG0004B
Description  Fast Power IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TG0004B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  TG0004B Datasheet HTML 1Page - Solid States Devices, Inc TG0004B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TG0004B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSG60N60 Series
Electrical Characteristics
4/
Symbol
Min
Typ
Max
Units
Collector – Emitter Breakdown Voltage
VGE = 0V, IC = 250μA V(BR)CES
600
––
––
V
Collector – Emitter Saturation Voltage
VGE = 15V, IC = 60A VCE(SAT)
––
2.0
2.5
V
Gate – Emitter Threshold voltage
VGE = VCE, IC = 250mA
VGE(th)
3
––
6.5
V
Zero Gate Voltage Collector Current
VCE = 600V, VGE = 0V
TJ = 25
oC
TJ = 150
oC
ICES
––
––
0.5
0.35
250
5.0
μA
mA
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
IGES
––
10
100
nA
Input Capacitance
VCE = 25V, VGE = 0V, f = 1 MHz
CISS
––
4000
––
pF
Output Capacitance
VCE = 25V, VGE = 0V, f = 1 MHz
COSS
––
300
––
pF
Reverse Transfer Capacitance
VCE = 25V, VGE = 0V, f = 1 MHz
CRSS
––
55
––
pF
Turn on Delay Time
Rise Time
Turn off Delay Time
Fall Time
VCC = 400V, IC = 50ADC,
VGE = 15V, tP = 10µsec,
Duty Cycle ≤ 1%
td(on)
tr
td(off)
tf
––
––
––
––
85
140
300
150
––
––
––
––
nsec
TO-258 (N)
TO-259 (P)
SMD2 (S2)
Available Part Numbers:
SSG60N60N, SSG60N60NUB, SSG60N60NDB,
SSG60N60P, SSG60N60PUB, SSG60N60PDB,
SSG60N60S2
PIN ASSIGNMENT (Standard)
Package
Collector
Emitter
Gate
TO-258 (N)
Pin 1
Pin 2
Pin 3
TO-259 (P)
Pin 1
Pin 2
Pin 3
SMD2
Pin 1
Pin 2
Pin 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com