Electronic Components Datasheet Search
  English  ▼

X  

TR0004 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # TR0004
Description  PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0004 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  TR0004 Datasheet HTML 1Page - Solid States Devices, Inc TR0004 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
SFT1192
PRELIMINARY
V
400
-
BVCEO
Collector-Emitter Breakdown Voltage
(IC = 5mADC)
V
500
-
Collector-Base Breakdown Voltage
(IC = 100uADC)
V
10
-
BVEBO
Emitter-Base Breakdown Voltage
(IE = 20uADC)
uA
-
1.0
ICBO
Collector Cutoff Current
(VCB = 450VDC)
uA
-10
ICEV
Collector Cutoff Current
(VCE = 400VDC, VEB = 1.5VDC)
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
MIN
MAX
ELECTRICAL CHARACTERISTICS
SYMBOL
UNITS
uA
Emitter Cutoff Current
(VEB = 6VDC)
-
IEBO
10
DC Current Gain*
(VCE =10VDC)
80
60
40
0.4
1.0
Collector-Emitter Saturation
Voltage*
VCE(SAT)
VDC
HFE
Base-Emitter Saturation
Voltage*
1.5
2.0
VDC
VBE (SAT)
Current Gain Bandwidth Product
(IC = 70mADC , VCE = 30VDC, f = 20MHz)
50
-
MHz
fT
75
pf
Output Capacitance
(VCB= 20VDC , IE = 0ADC, f = 1.0MHz)
-
Cob
300
pf
Input Capacitance
(VBE= 2VDC , IC = 0ADC, f = 1.0MHz)
-
Cib
(VCC = 100VDC , IC = 500mADC,
VEB(OFF)=3.7VDC,
IB1=IB2= 50mADC)
Turn Off Time
*Pulse Test: Pulse Width = 300us, Duty Cycle = 2%
t(on)
250
ns
t(off)
2500
ns
BVCBO
Turn On Time
(IC =50mADC, IB = 5mADC)
(IC =500mADC, IB =50mADC)
(IC = 1.0mADC)
(IC = 50mADC)
(IC = 500mADC)
(IC =50mADC, IB = 5mADC)
(IC =500mADC, IB =50mADC)
-
-
-
-
-
-
-
-
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com