Electronic Components Datasheet Search
  English  ▼

X  

HWA-AF Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HWA-AF
Description  Specialty Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HWA-AF Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HWA-AF Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specialty Fuses
GMW
Fast-Acting
and HWA
Form No. GMW
Page 1 of 1
BIF Doc #2058
Bussmann®
12-18-98
SB98107
Rev. A
CATALOG SYMBOL: GMW (FUSE), HWA (HOLDER)
PIN TYPE
0.280” x 0.25” (7.1mm x 6.4mm)
FAST-ACTING
INTERRUPTING RATING - 35 AMPS
GMW: U.L. RECOGNIZED
(GUIDE #JDYX2, FILE # E19180)
HWA: U.L. RECOGNIZED
(GUIDE #IZLT2, FILE # E14853)
Electrical Ratings (Catalog Symbol and Amperes)
125 Volts
GMW-1/100
GMW-1/4
GMW-1-1/2
GMW-1/64
GMW-3/10
GMW-2
GMW-1/32
GMW-4/10
GMW-3
GMW-1/16
GMW-1/2
GMW-4
GMW-1/10
GMW-6/10
GMW-5
GMW-1/8
GMW-3/4
—
GMW-2/10
GMW-1
—
• Sub-miniature pin-base fuses for limited space applications.
• Can be soldered direct into circuit or can be mounted in
HWA holder which can be soldered into circuit.
• Transparent window in fuse for visual determination of open
fuse element.
• Fuseholder body and knob material is diallyl phthalate.
• Holder includes “O”-ring, gasket, and nut.
• Military versions: fuse–FMO1; holder–FHN42W.
• Type HWA-AF holder includes waterproof cap (knob) AF.
Test Specifications
Load
Opening Time
100%
4 hrs. (min.)
200%
10 sec. (max.)
Carton Quantity and Weight
Ampere
Carton
Weight*
Ratings
Qty
Lbs.
Kg.
GMW 1/100–5
100
0.20
97.7
HWA Fuseholder
100
0.44
200.0
AF Knob
100
0.25
113.4
* Weight per carton.
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this BIF document are by definition uncontrolled. This bulletin is intended to
clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any
products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been select-
ed, it should be tested by the user in all possible applications.
CURRENT IN AMPERES
10
1
.1
.01
100
AMPERE
RATING
Time-Current Characteristics–Total Clear
0.344"
(8.7mm)
0.379"
(9.6mm)
MOUNTING HOLE + 0.002"
(0.5mm)
0.55"
(13.9mm)
0.98"
(25.0mm)
0.69"
(17.5mm)
FRONT
PANEL
0.25"
(6.4mm)
0.28"
(7.1mm)
0.147"
(3.7mm)
FUSE
Dimensional Data


Similar Part No. - HWA-AF

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HWA EATON-HWA Datasheet
185Kb / 2P
Specialty fuse fast-acting and fuse holder
logo
Littelfuse
HWA20 LITTELFUSE-HWA20 Datasheet
275Kb / 2P
HWA20 SEALED ATO짰 FUSEHOLDER
logo
IDEC Corporation
HWAV-0-W IDEC-HWAV-0-W Datasheet
3Mb / 64P
Emergency Stop Switches
JULY 2017
HWAV-0-Y IDEC-HWAV-0-Y Datasheet
3Mb / 64P
Emergency Stop Switches
JULY 2017
HWAV-27-Y IDEC-HWAV-27-Y Datasheet
3Mb / 64P
Emergency Stop Switches
JULY 2017
More results

Similar Description - HWA-AF

ManufacturerPart #DatasheetDescription
logo
3M Electronics
13-14 3M-13-14 Datasheet
38Kb / 5P
Specialty Terminals
logo
Cooper Bussmann, Inc.
GMQ-1-1-4 COOPER-GMQ-1-1-4 Datasheet
59Kb / 2P
Specialty Fuse
GMW-1100 COOPER-GMW-1100 Datasheet
29Kb / 1P
Specialty Fuses Fast-Acting
GMW-1-10 COOPER-GMW-1-10 Datasheet
29Kb / 1P
Specialty Fuses
logo
Extech Instruments Corp...
MO290-BP EXTECH-MO290-BP Datasheet
138Kb / 1P
Specialty Moisture Probes
MO290-EP EXTECH-MO290-EP Datasheet
138Kb / 1P
Specialty Moisture Probes
MO290-EXT EXTECH-MO290-EXT Datasheet
138Kb / 1P
Specialty Moisture Probes
logo
Winchester Electronics ...
153155011 WINCHESTER-153155011 Datasheet
98Kb / 2P
Specialty Types
logo
Luminus, Inc
SST-20-W LUMINUS-SST-20-W Datasheet
2Mb / 19P
Specialty White LED
logo
Molex Electronics Ltd.
987650-8052 MOLEX-987650-8052 Datasheet
350Kb / 8P
SPECIALTY LIGHTING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com