Electronic Components Datasheet Search
  English  ▼

X  

IB2-06 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IB2-06
Description  Protection from electrical shock
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IB2-06 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IB2-06 Datasheet HTML 1Page - List of Unclassifed Manufacturers IB2-06 Datasheet HTML 2Page - List of Unclassifed Manufacturers IB2-06 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number
Dimensions (mm)
Filter Application
A
B
C
D
E
F
IEC
IEC
With fuse
IEC
With switch/fuse
Voltage selector
IB1 – 06
55
9
40
6
20
30
YES
IB2 – 06
60
9
45
6
30
35
YES
IB3 – 06
85
9
75
6
30
60
YES
IB3 - 10
80
13
60
10
30
60
YES
Material thickness : 1mm approx…
Operating temperature range : -10
°C to 60°C
All dimensions are nominal
Schaffner Limited, Unit 5 Ashville Way, Molly Millar’s Lane, Wokingham, Berkshire RG41 2PL
T 00 44 118 977 0070 F 00 44 118 979 2969 E uksales@schaffner.com W www.schaffner.com
There are a full range of insulating boots available from Schaffner Ltd that provide a
physical cover for the exposed terminals on the back of IEC Inlet Filters. These boots
fit the simplest non-fused and unswitched style up to the fully fused and switched IEC
filtered inlet.
The boots are made from a durable black PVC material that conforms to UL94-V1
flammability requirements. The boots slip easily over the back of the filter and
reduce the risk of electrical shock to maintenance personnel whilst protecting the
filter from environmental hazard such as the ingress of dust and moisture.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com