Electronic Components Datasheet Search
  English  ▼

X  

LM7372 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM7372
Description  High Speed, High Output Current, Dual Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372 Datasheet(HTML) 2 Page - Texas Instruments

  LM7372 Datasheet HTML 1Page - Texas Instruments LM7372 Datasheet HTML 2Page - Texas Instruments LM7372 Datasheet HTML 3Page - Texas Instruments LM7372 Datasheet HTML 4Page - Texas Instruments LM7372 Datasheet HTML 5Page - Texas Instruments LM7372 Datasheet HTML 6Page - Texas Instruments LM7372 Datasheet HTML 7Page - Texas Instruments LM7372 Datasheet HTML 8Page - Texas Instruments LM7372 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
OUT B
1
2
3
4
5
6
7
8
OUT A
-IN A
+IN A
V
-
V
+
-IN B
+IN B
-
+
+
-
A
B
OUT A
OUT B
1
2
8
-IN
+IN
V-
V+
-IN
+IN
+
-
+
-
A
B
7
6
5
4
3
16
15
14
13
12
11
10
9
NC
NC
NC
NC
*
*
*
*
LM7372
SNOS926E – MAY 1999 – REVISED MARCH 2013
www.ti.com
Connection Diagrams
* Heatsink Pins.(1)
Figure 2. 16-Pin SOIC, Top View
Figure 3. 8-Pin SO PowerPAD, Top View
NOTE
For SO PowerPAD package the exposed pad should be tied either to V− or left electrically
floating.
(Die attach material is conductive and is internally tied to V−)
(1)
The maximum power dissipation is a function of T(JMAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (T(JMAX) – TA)/θJA. All numbers apply for packages soldered directly into a PC board. The value for θJA is 106°C/W
for the 16-Pin SOIC package. With a total area of 4sq. in of 1oz CU connected to pins 1,6,8,9 & 16,
θJA for the 16-Pin SOIC is
decreased to 70°C/W. 8-Pin SO PowerPAD package
θJA is with 2 in
2 heatsink (top and bottom layer each) and 1 oz. copper (see
Table 2).
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com