Electronic Components Datasheet Search
  English  ▼

X  

TX810 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TX810
Description  8-Channel, Programmable T/R Switch for Ultrasound
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TX810 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TX810 Datasheet HTML 2Page - Texas Instruments TX810 Datasheet HTML 3Page - Texas Instruments TX810 Datasheet HTML 4Page - Texas Instruments TX810 Datasheet HTML 5Page - Texas Instruments TX810 Datasheet HTML 6Page - Texas Instruments TX810 Datasheet HTML 7Page - Texas Instruments TX810 Datasheet HTML 8Page - Texas Instruments TX810 Datasheet HTML 9Page - Texas Instruments TX810 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
tEN_ON
tEN_OFF
tDELAY
INPUT
B3/B2/B1
OUTPUT
VN
VP
1 Channel
of TX810
Signal
Source
Test
Equipment
RIN
RLOAD
t − Time − s
m
1.5
0.5
-0.5
1
2.5
3
0.5
-0.5
1.5
2
-2
-1
0
1
-1.5
2
0
80
20
-20
-100
-60
0
40
-80
Bias = 7 mA
-40
60
100
Output
Input
Insertion Loss − dB
400
350
100
0
50
200
300
150
250
1890 Units,
Bias = 7 mA,
R
= N/A
IN
TX810
SLLS996A – SEPTEMBER 2009 – REVISED APRIL 2010
www.ti.com
Figure 2. Timing Diagram
TYPICAL CHARACTERISTICS
All Specifications at TA = 25°C, VP = 5V, VN = -5V, VB = 0V, VSUB = -5V, RIN = 75Ω, RLOAD = 400Ω;
f = 5MHz, B3B2B1=111, VIN = 0.25VPP, unless otherwise noted.
A typical bench setup is shown in Figure 3.
Figure 3. Typical Test Setup
AC coupling is used between High voltage pulser and TX810. The
input signal is a combination of 0.25Vpp signal followed by a 1-cycle
140Vpp pulse
Figure 4. Insertion Loss Distribution
Figure 5. Recovery Time With Small Input Signal
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :TX810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com