Electronic Components Datasheet Search
  English  ▼

X  

LP311PE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP311PE4
Description  LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP311PE4 Datasheet(HTML) 3 Page - Texas Instruments

  LP311PE4 Datasheet HTML 1Page - Texas Instruments LP311PE4 Datasheet HTML 2Page - Texas Instruments LP311PE4 Datasheet HTML 3Page - Texas Instruments LP311PE4 Datasheet HTML 4Page - Texas Instruments LP311PE4 Datasheet HTML 5Page - Texas Instruments LP311PE4 Datasheet HTML 6Page - Texas Instruments LP311PE4 Datasheet HTML 7Page - Texas Instruments LP311PE4 Datasheet HTML 8Page - Texas Instruments LP311PE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LP211, LP311
LOW-POWER DIFFERENTIAL COMPARATORS
WITH STROBES
SLCS003D − JUNE 1987 − REVISED SEPTEMBER 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP†
MAX
UNIT
V
Input offset voltage
RS
100 k
Ω
See Note 7
25
°C
2
7.5
mV
VID
Input offset voltage
RS < 100 k
Ω,
See Note 7
Full range
10
mV
VID < −10 mV,
IOL = 25 mA,
25
°C
04
15
VID < 10 mV,
See Note 8
IOL = 25 mA,
25
°C
0.4
1.5
VOL
Low-level output voltage
VCC = 4.5 V,
V
<10 mV
VCC− = 0,
I
16mA
Full range
01
04
V
VID < −10 mV,
See Note 8
IOL = 1.6 mA,
Full range
0.1
0.4
I
Input offset current
See Note 7
25
°C
2
25
nA
IIO
Input offset current
See Note 7
Full range
35
nA
I
Input bias current
25
°C
15
100
nA
IIB
Input bias current
Full range
150
nA
Low level strobe current
V(strobe) = 0.3 V,
VID < −10 mV,
25
°C
100
300
A
Low-level strobe current
V(strobe) = 0.3 V,
See Note 9
VID < 10 mV,
25
°C
100
300
μA
IO(off)
Output off-state current
VID > 10 mV,
VCE = 35 V
25
°C
0.2
100
nA
A
Large-signal differential-voltage
R
5k
Ω
25
°C
40
100
V/mV
AVD
Large signal differential voltage
amplification
RL = 5 kΩ
25
°C
40
100
V/mV
ICC+
Supply current from VCC+
VID = −50 mV,
RL = ∞
Full range
150
300
μA
ICC−
Supply current from VCC−
VID = 50 mV,
RL = ∞
Full range
− 80
− 180
μA
† All typical values are at VCC± = ±15 V, TA = 25°C.
NOTES:
7. The offset voltages and offset currents given are the maximum values required to drive the output within 1 V of either supply with
a 1-mA load. Thus, these parameters define an error band and take into account the worst-case effects of voltage gain and input
impedance.
8. Voltages are with respect to EMIT OUT and VCC− tied together.
9. The strobe should not be shorted to ground; it should be current driven at 100
μA to 300 μA.
switching characteristics, VCC± = ±5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP
UNIT
Response time
See Note 10
1.2
μs
NOTE 10: The response time is specified for a 100-mV input step with 5-mV overdrive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com