Electronic Components Datasheet Search
  English  ▼

X  

LM306DR Datasheet(PDF) 2 Page - Texas Instruments

Part # LM306DR
Description  Fast Response Times Improved Gain and Accuracy
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM306DR Datasheet(HTML) 2 Page - Texas Instruments

  LM306DR Datasheet HTML 1Page - Texas Instruments LM306DR Datasheet HTML 2Page - Texas Instruments LM306DR Datasheet HTML 3Page - Texas Instruments LM306DR Datasheet HTML 4Page - Texas Instruments LM306DR Datasheet HTML 5Page - Texas Instruments LM306DR Datasheet HTML 6Page - Texas Instruments LM306DR Datasheet HTML 7Page - Texas Instruments LM306DR Datasheet HTML 8Page - Texas Instruments LM306DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LM306
DIFFERENTIAL COMPARATOR WITH STROBES
SLCS008A − OCTOBER 1979 − REVISED OCTOBER 1991
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
schematic
VCC −
IN −
IN +
70
Ω
STROBE 2
STROBE 1
VCC +
OUT
GND
6.3 V
6.3 V
6.3 V
6.3 V
5 k
Ω
6.3 V
17 k
Ω
300
Ω
5 k
Ω
300
Ω
600
Ω
3.5 k
Ω
600
Ω
3
Ω
Resistor values are nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com