Electronic Components Datasheet Search
  English  ▼

X  

LM306P Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM306P
Description  Fast Response Times Improved Gain and Accuracy
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM306P Datasheet(HTML) 4 Page - Texas Instruments

  LM306P Datasheet HTML 1Page - Texas Instruments LM306P Datasheet HTML 2Page - Texas Instruments LM306P Datasheet HTML 3Page - Texas Instruments LM306P Datasheet HTML 4Page - Texas Instruments LM306P Datasheet HTML 5Page - Texas Instruments LM306P Datasheet HTML 6Page - Texas Instruments LM306P Datasheet HTML 7Page - Texas Instruments LM306P Datasheet HTML 8Page - Texas Instruments LM306P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LM306
DIFFERENTIAL COMPARATOR WITH STROBES
SLCS008A − OCTOBER 1979 − REVISED OCTOBER 1991
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics at specified free-air temperature, VCC+ = 12 V, VCC− = −3 V to −12 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
TA‡
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
RS ≤ 200 Ω
25
°C
1.6§
5
mV
VIO
Input offset voltage
RS ≤ 200 Ω
Full range
6.5
mV
αVIO
Average temperature coefficient of
input offset voltage
RS = 50 Ω,
See Note 5
Full range
5
20
µV/°C
25
°C
1.8
5
IIO
Input offset current
See Note 5
MIN
1
7.5
µA
IIO
Input offset current
See Note 5
MAX
0.5
5
µA
IIO
Average temperature coefficient of
See Note 5
MIN to 25
°C
24
100
nA /
°C
αIIO
Average temperature coefficient of
input offset current
See Note 5
25
°C to MAX
15
50
nA /
°C
IIB
Input bias current
VO = 0.5 V to 5 V
MIN to 25
°C
40
A
IIB
Input bias current
VO = 0.5 V to 5 V
25
°C to MAX
16
25
µA
IIL(S)
Low-level strobe current
V(strobe) = 0.4 V
Full range
− 1.7
− 3.2
mA
VIH(S)
High-level strobe voltage
Full range
2.2
V
VIL(S)
Low-level strobe voltage
Full range
0.9
V
VICR
Common-mode input voltage range
VCC − = − 7 V to −12 V
Full range
±5
V
VID
Differential input voltage range
Full range
±5
V
AVD
Large-signal differential voltage
amplification
VO = 0.5 V to 5 V,
No load
25
°C
40
V/mV
VOH
High-level output voltage
IOH = − 400 µA
VID = 8 mV
Full range
2.5
5.5
V
IOL = 100 mA
VID = − 7 mV
25
°C
0.8
2
VOL
Low-level output voltage
IOL = 50 mA
VID = − 7 mV
Full range
1
V
VOL
Low-level output voltage
IOL = 16 mA
VID = − 8 mV
Full range
0.4
V
IOH
High-level output voltage
VOH = 8 V to 24 V
VD = 7 mV
MIN to 25
°C
0.02
2
A
IOH
High-level output voltage
VOH = 8 V to 24 V
VID = 8 mV
25
°C to MAX
100
µA
ICC +
Supply current from VCC +
VID = − 5 mV,
No load
Full range
6.6
10
mA
ICC −
Supply current from VCC −
No load
Full range
− 1.9
− 3.6
mA
† Unless otherwise noted, all characteristics are measured with both strobes open.
‡ Full range is 0°C to 70°C. MIN is 0°C. MAX is 70°C.
§ This typical value is at VCC+ = 12 V, VCC− = −6 V.
NOTE 5: The offset voltages and offset currents given are the maximum values required to drive the output down to the low range (VOL) or up
to the high range (VOH). These parameters actually define an error band and take into account the worst-case effects of voltage gain
and input impedance.
switching characteristics, VCC+ = 12 V, VCC− = −6 V, TA = 25°C
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Response time, low-to-high-level output
RL = 390 Ω to 5 V,
CL = 15 pF,
See Note 6
28
40
ns
† All characteristics are measured with both strobes open.
NOTE 6: The response time specified is for a 100-mV input step with 5-mV overdrive and is the interval between the input step function and the
instant when the output crosses 1.4 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com