Electronic Components Datasheet Search
  English  ▼

X  

DR364 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR364
Description  SHIELDED SMD POWER INDUCTOR DR364 SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR364 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR364_14 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
September 23, 2009
DATATRONIC: 28151 Highway 74, Romoland, CA 92585
Tel: 951-928-7700
Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong
Tel: (852) 2562 3858, (852) 2564 8477
Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SHIELDED SMD POWER INDUCTOR DR364 SERIES
Features
Low Profile Surface Mount Design (Height 3.5mm / 0.138 inches)
Shielded and suitable for large current
Inductance Range from 1.0µH to 150µH
Ideal for variety of DC-DC Converter applications
and DSC, DVC, PDA Products
Operating Temperature : -20°C to +85°C
Operating Frequency Range : 10kHz – 1MHz
Tinned Leads with Leaded Solder is Available (note 4)
Electrical Specifications at 25
C
Rated Current (A) Max
Part Number
L (
H)
20%
Test Freq. (0.1V)
DCR (m
) Max (Typ.)
I sat
I rms
DR364-202
2.0
100kHz
19.2 (16.0)
3.00
3.31
DR364-272
2.7
100kHz
22.0 (18.3)
2.69
3.12
DR364-332
3.3
100kHz
25.7 (21.4)
2.57
2.81
DR364-472
4.7
100kHz
31.6 (26.3)
2.08
2.51
DR364-622
6.2
100kHz
34.9 (29.1)
1.84
5.41
DR364-822
8.2
100kHz
43.4 (36.2)
1.54
2.11
DR364-103
10.0
100kHz
49.4 (41.2)
1.49
1.97
DR364-123
12.0
100kHz
62.0 (51.7)
1.28
1.73
DR364-153
15.0
100kHz
76.9 (64.1)
1.10
1.54
DR364-183
18.0
100kHz
81.5 (67.9)
1.05
1.52
DR364-223
22.0
100kHz
106.0 (88.4)
0.97
1.29
DR364-273
27.0
100kHz
140.0 (117.0)
0.82
1.11
DR364-333
33.0
100kHz
162.0 (135.0)
0.76
1.02
DR364-393
39.0
100kHz
191.0 (159.0)
0.70
0.96
DR364-473
47.0
100kHz
209.0 (174.0)
0.68
0.89
DR364-563
56.0
100kHz
257.0 (214.0)
0.60
0.80
DR364-683
68.0
100kHz
319.0 (266.0)
0.56
0.71
DR364-823
82.0
100kHz
419.0 (349.0)
0.47
0.61
DR364-104
100.0
100kHz
476.0 (397.0)
0.45
0.57
DR364-154
150.0
100kHz
664.0 (553.0)
0.37
0.48
MECHANICAL OUTLINES
Notes:
1.
All dimensions are given in millimeters “mm” (Inches “IN” ref)
2.
Unless otherwise specified, tolerance; ± 0,254mm, (0.010 IN)
3.
Tape and reel quantity, 2000 pcs/reel
4.
For non-RoHS parts replace DR prefix with 42- (e.g. DR364 becomes 42-364)
5.
Terminal finish is compliant to RoHS requirements
. Solder in accordance with J-STD-020D
6.3 [0.248] MAX
3.5 [0.138] MAX
4.8 [0.189]
0.6 [0.024]
2.0 [0.079]
4.6 [0.181]
6.6 [0.260]
PAD
LAYOUT


Similar Part No. - DR364_14

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR364-103 DATATRONICS-DR364-103 Datasheet
81Kb / 1P
SHIELDED SMD POWER INDUCTOR
DR364-104 DATATRONICS-DR364-104 Datasheet
81Kb / 1P
SHIELDED SMD POWER INDUCTOR
DR364-123 DATATRONICS-DR364-123 Datasheet
81Kb / 1P
SHIELDED SMD POWER INDUCTOR
DR364-153 DATATRONICS-DR364-153 Datasheet
81Kb / 1P
SHIELDED SMD POWER INDUCTOR
DR364-154 DATATRONICS-DR364-154 Datasheet
81Kb / 1P
SHIELDED SMD POWER INDUCTOR
More results

Similar Description - DR364_14

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com