Electronic Components Datasheet Search
  English  ▼

X  

OPA820 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA820
Description  Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820 Datasheet(HTML) 2 Page - Texas Instruments

  OPA820 Datasheet HTML 1Page - Texas Instruments OPA820 Datasheet HTML 2Page - Texas Instruments OPA820 Datasheet HTML 3Page - Texas Instruments OPA820 Datasheet HTML 4Page - Texas Instruments OPA820 Datasheet HTML 5Page - Texas Instruments OPA820 Datasheet HTML 6Page - Texas Instruments OPA820 Datasheet HTML 7Page - Texas Instruments OPA820 Datasheet HTML 8Page - Texas Instruments OPA820 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
PIN CONFIGURATIONS
+V
S
Output
2
−Input
2
+Input
2
Output
1
−Input
1
+Input
1
−V
S
1
2
3
4
8
7
6
5
Top View
SO, MSOP
OPA2830
SBOS309D – AUGUST 2004 – REVISED AUGUST 2008.................................................................................................................................................. www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA2830ID
Rails, 100
OPA2830
SO-8 Surface-Mount
D
–40°C to +85°C
OPA2830
OPA2830IDR
Tape and Reel, 2500
OPA2830IDGKT
Tape and Reel, 250
OPA2830
MSOP-8
DGK
–40°C to +85°C
A59
OPA2830IDGKR
Tape and Reel, 2500
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Power Supply
11VDC
Internal Power Dissipation
See Thermal Characteristics
Differential Input Voltage
±2.5V
Input Voltage Range
–0.5V to +VS + 0.3V
Storage Temperature Range: D, DGK
–65°C to +125°C
Lead Temperature (soldering, 10s)
+300°C
Junction Temperature (TJ)
+150°C
ESD Rating:
Human Body Model (HBM)
2000V
Charge Device Model (CDM)
1000V
Machine Model (MM)
200V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
2
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com