Electronic Components Datasheet Search
  English  ▼

X  

ADC10064 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC10064
Description  ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10064 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC10064 Datasheet HTML 9Page - Texas Instruments ADC10064 Datasheet HTML 10Page - Texas Instruments ADC10064 Datasheet HTML 11Page - Texas Instruments ADC10064 Datasheet HTML 12Page - Texas Instruments ADC10064 Datasheet HTML 13Page - Texas Instruments ADC10064 Datasheet HTML 14Page - Texas Instruments ADC10064 Datasheet HTML 15Page - Texas Instruments ADC10064 Datasheet HTML 16Page - Texas Instruments ADC10064 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ADC10061, ADC10062, ADC10064
www.ti.com
SNAS069E – JUNE 1999 – REVISED MARCH 2013
Since the resistance between the two reference inputs can be as low as 400
Ω, the voltage source driving the
reference inputs should have low output impedance. Any noise on either reference input is a potential cause of
conversion errors, so each of these pins must be supplied with a clean, low noise voltage source. Each reference
pin should be bypassed with a 10 µF tantalum and a 0.1 µF ceramic.
THE ANALOG INPUT
The ADC10061, ADC10062, and ADC10064 sample the analog input voltage once every conversion cycle.
When this happens, the input is briefly connected to an impedance approximately equal to 600
Ω in series with 35
pF. Short-duration current spikes can be observed at the analog input during normal operation. These spikes are
normal and do not degrade the converter's performance.
Large source impedances can slow the charging of the sampling capacitors and degrade conversion accuracy.
Therefore, only signal sources with output impedances less than 500
Ω should be used if rated accuracy is to be
achieved at the minimum sample time (250 ns maximum). If the sampling time is increased, the source
impedance can be larger. If a signal source has a high output impedance, its output should be buffered with an
operational amplifier. The operational amplifier's output should be well-behaved when driving a switched 35
pF/600
Ω load. Any ringing or voltage shifts at the op-amp's output during the sampling period can result in
conversion errors.
Correct conversion results will be obtained for input voltages greater than GND
− 50 mV and less than V+ +
50 mV. Do not allow the signal source to drive the analog input pin beyond the Absolute Maximum Rating. If an
analog input pin is forced beyond these voltages, the current flowing through the pin should be limited to 5 mA or
less to avoid permanent damage to the IC. The sum of all the overdrive currents into all pins must be less than
the Absolute Maximum Rating for Package Input Current. When the input signal is expected to extend beyond
this limit, an input protection scheme should be used. A simple input protection network using diodes and
resistors is shown in Figure 21. Note the multiple bypass capacitors on the reference and power supply pins. If
VREF− is not grounded, it should also be bypassed to analog ground using multiple capacitors (see POWER
SUPPLY CONSIDERATIONS). AGND and DGND should be at the same potential. VIN0 is shown with an input
protection network. Pin 17 is normally left open, but optional “speedup” resistor RSA can be used to reduce the
conversion time.
Figure 21. Typical Connection
INHERENT SAMPLE-AND-HOLD
Because the ADC10061, ADC10062, and ADC10064 sample the input signal once during each conversion, they
are capable of measuring relatively fast input signals without the help of an external sample-hold. In a non-
sampling successive-approximation A/D converter, regardless of speed, the input signal must be stable to better
than ±1/2 LSB during each conversion cycle or significant errors will result. Consequently, even for many
relatively slow input signals, the signals must be externally sampled and held constant during each conversion if
a SAR with no internal sample-and-hold is used.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC10061 ADC10062 ADC10064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com