Electronic Components Datasheet Search
  English  ▼

X  

ADC12138CIWM Datasheet(PDF) 33 Page - Texas Instruments

Part # ADC12138CIWM
Description  ADC12130/ADC12132/ADC12138 Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12138CIWM Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADC12138CIWM Datasheet HTML 29Page - Texas Instruments ADC12138CIWM Datasheet HTML 30Page - Texas Instruments ADC12138CIWM Datasheet HTML 31Page - Texas Instruments ADC12138CIWM Datasheet HTML 32Page - Texas Instruments ADC12138CIWM Datasheet HTML 33Page - Texas Instruments ADC12138CIWM Datasheet HTML 34Page - Texas Instruments ADC12138CIWM Datasheet HTML 35Page - Texas Instruments ADC12138CIWM Datasheet HTML 36Page - Texas Instruments ADC12138CIWM Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
ADC12130, ADC12132, ADC12138
www.ti.com
SNAS098G – MARCH 2000 – REVISED MARCH 2013
Figure 66. Changing the ADC's Conversion Configuration
1.6 User Mode and Test Mode
An instruction may be issued to the ADC to put it into test mode, which is used by the manufacturer to verify
complete functionality of the device. During test mode CH0–CH7 become active outputs. If the device is
inadvertently put into the test mode with CS continuously low, the serial communications may be
desynchronized. Synchronization may be regained by cycling the power supply voltage to the device. Cycling the
power supply voltage will also set the device into user mode. If CS is used in the serial interface, the ADC may
be queried to see what mode it is in. This is done by issuing a “read STATUS register” instruction to the ADC.
When bit 9 of the status register is high, the ADC is in test mode; when bit 9 is low the ADC, is in user mode. As
an alternative to cycling the power supply, an instruction sequence may be used to return the device to user
mode. This instruction sequence must be issued to the ADC using CS. The following table lists the instructions
required to return the device to user mode. Note that this entire sequence, including both Test Mode and User
Mode values, should be sent to recover from the test mode.
DI Data(1)
Instruction
DI0
DI1
DI2
DI3
DI4
DI5
DI6
DI7
TEST MODE
H
X
X
X
H
H
H
H
Reset
L
L
L
L
H
H
H
L
Test Mode
L
L
L
L
H
L
H
L
Instructions
L
L
L
L
H
L
H
H
USER MODE
L
L
L
L
H
H
H
H
Power Up
L
L
L
L
H
L
H
L
Set DO with or without Sign
H or L
L
L
L
H
H
L
H
Set Acquisition Time
H or L
H or L
L
L
H
H
H
L
Start a Conversion
H or L
H or L
H or L
H or L
L
H or L
H or L
H or L
(1)
X = Don't Care
The power up, data with or without sign, and acquisition time instructions should be resent after returning to the
user mode. This is to ensure that the ADC is in the required state before a conversion is started.
1.7 Reading the Data Without Starting a Conversion
The data from a particular conversion may be accessed without starting a new conversion by ensuring that the
CONV line is taken high during the I/O sequence. See Figure 55 and Figure 56.Table 5 describes the operation
of the CONV pin. It is not necessary to read the data as soon as DOR goes low. The data will remain in the
output register ifCS is brought high right after DOR goes high. A single conversion may be read as many times
as desired before CS is brought low.
1.8 Brown Out Conditions
When the supply voltage dips below about 2.7V, the internal registers, including the calibration coefficients and
all of the other registers, may lose their contents. When this happens the ADC will not perform as expected or
not at all after power is fully restored. While writing the desired information to all registers and performing a
calibration might sometimes cause recovery to full operation, the only sure recovery method is to reduce the
supply voltage to below 0.5V, then reprogram the ADC and perform a calibration after power is fully restored.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: ADC12130 ADC12132 ADC12138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com