Electronic Components Datasheet Search
  English  ▼

X  

ADS5463IPFP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFP
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5463IPFP Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5463IPFP Datasheet HTML 12Page - Texas Instruments ADS5463IPFP Datasheet HTML 13Page - Texas Instruments ADS5463IPFP Datasheet HTML 14Page - Texas Instruments ADS5463IPFP Datasheet HTML 15Page - Texas Instruments ADS5463IPFP Datasheet HTML 16Page - Texas Instruments ADS5463IPFP Datasheet HTML 17Page - Texas Instruments ADS5463IPFP Datasheet HTML 18Page - Texas Instruments ADS5463IPFP Datasheet HTML 19Page - Texas Instruments ADS5463IPFP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Code
−0.3
−0.2
−0.1
0.0
0.1
0.2
0.3
50
550
1050 1550 2050 2550 3050 3550 4050
fS = 500 MSPS
fIN = 10 MHz
G014
Code
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
50
550
1050 1550 2050 2550 3050 3550 4050
fS = 500 MSPS
fIN = 10 MHz
G015
Input Amplitude − dBFS
−60
−40
−20
0
20
40
60
80
100
120
−120
−100
−80
−60
−40
−20
0
fS = 500 MSPS
fIN = 100.3 MHz
SFDR (dBFS)
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
G017
Input Amplitude − dBFS
−60
−40
−20
0
20
40
60
80
100
120
−120
−100
−80
−60
−40
−20
0
fS = 500 MSPS
fIN = 301.1 MHz
SFDR (dBFS)
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
G018
ADS5463
ADS54RF63
SLAS515E – NOVEMBER 2006 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
ADS5463 TYPICAL CHARACTERISTICS (continued)
Typical plots at TA = 25°C, sampling rate = 500 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 3-VPP differential clock, (unless otherwise noted)
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
Figure 14.
Figure 15.
AC PERFORMANCE
AC PERFORMANCE
vs
vs
INPUT AMPLITUDE (100-MHz INPUT SIGNAL)
INPUT AMPLITUDE (300-MHz INPUT SIGNAL)
Figure 16.
Figure 17.
16
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com