Electronic Components Datasheet Search
  English  ▼

X  

ADS54RF63IPFPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54RF63IPFPR
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54RF63IPFPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS54RF63IPFPR Datasheet HTML 19Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 20Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 21Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 22Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 23Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 24Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 25Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 26Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
AVDD − Supply Voltage − V
62.0
62.5
63.0
63.5
64.0
64.5
65.0
65.5
66.0
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
G048
TA = 25°C
TA = 55°C
TA = −40°C
TA = 100°C
TA = 85°C
fS = 550 MSPS
fIN = 100 MHz
TA = 0°C
TA = −20°C
AVDD − Supply Voltage − V
72
74
76
78
80
82
84
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
G047
fS = 550 MSPS
fIN = 100 MHz
TA = 25°C
TA = 0°C
TA = 100°C
TA = 85°C
TA = −20°C
TA = −40°C
TA = 55°C
DVDD − Supply Voltage − V
62.0
62.5
63.0
63.5
64.0
64.5
65.0
65.5
66.0
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
G050
TA = 25°C
TA = 55°C
TA = −40°C
TA = 100°C
TA = 85°C
TA = 0°C
TA = −20°C
fS = 550 MSPS
fIN = 100 MHz
DVDD − Supply Voltage − V
74
75
76
77
78
79
80
81
82
83
84
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
G049
fS = 550 MSPS
fIN = 100 MHz
TA = 25°C
TA = 55°C
TA = −40°C
TA = 100°C
TA = 85°C
TA = 0°C
TA = −20°C
ADS5463
ADS54RF63
www.ti.com ................................................................................................................................................... SLAS515E – NOVEMBER 2006 – REVISED JULY 2009
ADS54RF63 TYPICAL CHARACTERISTICS (continued)
Typical plots at TA = 25°C, sampling rate = 550 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 3-VPP differential clock, (unless otherwise noted)
SFDR
SNR
vs
vs
AVDD3 ACROSS TEMPERATURE
AVDD3 ACROSS TEMPERATURE
Figure 39.
Figure 40.
SFDR
SNR
vs
vs
DVDD3 ACROSS TEMPERATURE
DVDD3 ACROSS TEMPERATURE
Figure 41.
Figure 42.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com