Electronic Components Datasheet Search
  English  ▼

X  

ADS7883SDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7883SDBVT
Description  12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7883SDBVT Datasheet(HTML) 1 Page - Texas Instruments

  ADS7883SDBVT Datasheet HTML 1Page - Texas Instruments ADS7883SDBVT Datasheet HTML 2Page - Texas Instruments ADS7883SDBVT Datasheet HTML 3Page - Texas Instruments ADS7883SDBVT Datasheet HTML 4Page - Texas Instruments ADS7883SDBVT Datasheet HTML 5Page - Texas Instruments ADS7883SDBVT Datasheet HTML 6Page - Texas Instruments ADS7883SDBVT Datasheet HTML 7Page - Texas Instruments ADS7883SDBVT Datasheet HTML 8Page - Texas Instruments ADS7883SDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
ADS7883
www.ti.com ....................................................................................................................................................................................................... SLAS594 – JULY 2008
12-BIT, 3-MSPS, MICROPOWER, MINIATURE
SAR ANALOG-TO-DIGITAL CONVERTER
• Base Band Converters in Radio
• 3-MHz Sample Rate Serial Device
Communication
• 12-Bit Resolution
• Motor Current/Bus Voltage Sensors in Digital
• Zero Latency
Drives
• 48-MHz Serial Interface
• Optical Networking (DWDM, MEMS Based
• Supply Range: 2.7 V to 5.5 V
Switching)
• Low Power Dissipation:
• Optical Sensors
• Battery Powered Systems
–
6.45 mW at 3-V VDD, 2 MSPS
• Medical Instrumentations
–
13.5 mw at 5-V VDD, 3 MSPS
• High-Speed Data Acquisition Systems
• ±0.6 LSB INL, ±0.5 LSB DNL
• High-Speed Closed-Loop Systems
• 72 dB SINAD, –84 dB THD
• Unipolar Input Range: 0 V to V
DD
• Power-Down Current: 1 µA
• Wide Input Bandwidth: 30 MHz at 3 dB
• 6-Pin SOT23 Package
The ADS7883 is a 12-bit, 3-MSPS analog-to-digital converter (ADC). The device includes a capacitor based SAR
A/D converter with inherent sample and hold. The serial interface in the device is controlled by the CS and SCLK
signals for glueless connections with microprocessors and DSPs. The input signal is sampled with the falling
edge of CS, and SCLK is used for conversion and serial data output.
The device operates from a wide supply range from 2.7 V to 5.5 V. The low power consumption of the device
makes it suitable for battery-powered applications. The device also includes a power saving power-down feature
for when the device is operated at lower conversion speeds.
The high level of the digital input to the device is not limited to device VDD. Therefore the digital input can go as
high as 5.5 V when the device supply is 2.7 V. This feature is useful when digital signals are received from
another circuit with different supply levels. This also reduces restrictions on power-up sequencing.
The ADS7883 is available in a 6-pin SOT23 package and is specified for operation from –40°C to 125°C.
MicroPower Miniature SAR Converter Family
BIT
< 300 KSPS
300 KSPS – 1.25 MSPS
3 MSPS
3 MSPS for 4.5 VDD to 5.5 VDD
12-Bit
ADS7866 (1.2 VDD to 3.6 VDD)
ADS7886 (2.35 VDD to 5.25 VDD)
ADS7883
2 MSPS for 2.7 VDD to 4.5 VDD
10-Bit
ADS7867 (1.2 VDD to 3.6 VDD)
ADS7887 (2.35 VDD to 5.25 VDD)
ADS7884 (2.7 VDD to 5.5 VDD)
8-Bit
ADS7868 (1.2 VDD to 3.6 VDD)
ADS7888 (2.35 VDD to 5.25 VDD)
ADS7885 (2.7 VDD to 5.5 VDD)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS7883SDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7883SDBVT TI-ADS7883SDBVT Datasheet
645Kb / 17P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883SDBVT TI2-ADS7883SDBVT Datasheet
1Mb / 20P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
JULY 2008
ADS7883SDBVT.A TI2-ADS7883SDBVT.A Datasheet
1Mb / 20P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
JULY 2008
More results

Similar Description - ADS7883SDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_15 Datasheet
1Mb / 36P
Serial Interface, Micropower, Miniature SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com