Electronic Components Datasheet Search
  English  ▼

X  

G4G Datasheet(PDF) 1 Page - General Semiconductor

Part # G4G
Description  GLASS PASSIVATED JUNCTION RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

G4G Datasheet(HTML) 1 Page - General Semiconductor

  G4G Datasheet HTML 1Page - General Semiconductor G4G Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G4A THRU G4J
GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 3.0 Amperes
FEATURES
♦ High temperature metallurgically bonded
construction
♦ Glass passivated cavity-free junction
♦ Hermetically sealed package
♦ 3.0 Ampere operation
at TA=75°C with no
thermal runaway
♦ Typical IR less than 0.1µA
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ High temperature soldering guaranteed:
350°C/10 seconds 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: Solid glass body
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.037 ounce,1.04 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
G4A
G4B
G4D
G4G
G4J
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
Volts
Maximum average forward rectified current, 0.375”
(9.5mm) lead length at TA=70°C
I(AV)
3.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
100.0
Amps
Maximum instantaneous forward voltage at 3.0A
VF
1.1
Volts
Maximum full load reverse current full cycle
average, 0.375” (9.5mm) lead length at TA=70°C
IR(AV)
200.0
µA
Maximum DC reverse current
TA=25°C
1.0
at rated DC blocking voltage
TA=100°C
IR
100.0
µA
Typical reverse recovery time (NOTE 1)trr
3.0
µs
Typical junction capacitance (NOTE 2)CJ
40.0
pF
Typical thermal resistance (NOTE 3)R
ΘJA
22.0
°C/W
R
ΘJL
12.0
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient and from junction to lead at 0.375” (9.5mm)
lead length with both leads mounted between heatsinks
4/98
Dimensions in inches and (millimeters)
*Brazed-lead assembly is covered by Patent No. 3,930,306
0.180 (4.6)
0.115 (2.9)
0.042 (1.07)
0.038 (0.962)
DIA.
DIA.
MAX.
0.300 (7.6)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
Case Style G4


Similar Description - G4G

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
G2A GE-G2A Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
Glass Passivated Junction Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com