Electronic Components Datasheet Search
  English  ▼

X  

KH103AM Datasheet(PDF) 2 Page - Exar Corporation

Part # KH103AM
Description  Fast Settling, High Current Wideband Op Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

KH103AM Datasheet(HTML) 2 Page - Exar Corporation

  KH103AM Datasheet HTML 1Page - Exar Corporation KH103AM Datasheet HTML 2Page - Exar Corporation KH103AM Datasheet HTML 3Page - Exar Corporation KH103AM Datasheet HTML 4Page - Exar Corporation KH103AM Datasheet HTML 5Page - Exar Corporation KH103AM Datasheet HTML 6Page - Exar Corporation KH103AM Datasheet HTML 7Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DATA SHEET
KH103
2
REV. 1A January 2004
Absolute Maximum Ratings
VCC (reversed supplies will destroy part)
±20V
junction temperature (see thermal model)
+175°C
thermal resistance
see thermal model
storage temperature
-65°C to +150°C
lead temperature (soldering 10s)
+300°C
output current
±200mA
operating temperature:
AI
-25°C to +85°C
AK, AM
-55C to +125°C
KH103 Electrical Characteristics (Av = +20V, VCC = ±15V, RL = 100Ω; unless noted)
Notes
1) * AI, AK, AM
100% tested at +25°C
¦ AK, AM
100% tested at at +25°C and sample tested at -55°C and +125°C
¦ AI
sample tested at +25°C
2) This rating protects against damage to the input stage caused by saturation of either the input or output stages. Under
transient conditions not exceeding 1
µs (duty cycle not exceeding 10% maximum input voltage may be as large as twice the maximum V
cm
should never exceed ±5V. (Vcm is the voltage at the non-inverting input, pin 7).
3) This rating protects against exceeding transistor collector-emitter breakdown ratings. Recommended VCC is ±15V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com