Electronic Components Datasheet Search
  English  ▼

X  

BZX84-B13 Datasheet(PDF) 5 Page - General Semiconductor

Part # BZX84-B13
Description  Zener Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BZX84-B13 Datasheet(HTML) 5 Page - General Semiconductor

  BZX84-B13 Datasheet HTML 1Page - General Semiconductor BZX84-B13 Datasheet HTML 2Page - General Semiconductor BZX84-B13 Datasheet HTML 3Page - General Semiconductor BZX84-B13 Datasheet HTML 4Page - General Semiconductor BZX84-B13 Datasheet HTML 5Page - General Semiconductor BZX84-B13 Datasheet HTML 6Page - General Semiconductor BZX84-B13 Datasheet HTML 7Page - General Semiconductor BZX84-B13 Datasheet HTML 8Page - General Semiconductor BZX84-B13 Datasheet HTML 9Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
100
200
300
400
500
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
BZX84 Series
Zener Diodes



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com