Electronic Components Datasheet Search
  English  ▼

X  

GF1J Datasheet(PDF) 1 Page - General Semiconductor

Part # GF1J
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GF1J Datasheet(HTML) 1 Page - General Semiconductor

  GF1J Datasheet HTML 1Page - General Semiconductor GF1J Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GF1A THRU GF1M
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ Ideal for surface mount automotive applications
♦ High temperature metallurgically bonded construction
♦ Glass passivated cavity-free junction
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ Built-in strain relief
♦ Easy pick and place
♦ High temperature soldering guaranteed: 450°C/5 seconds
at terminals
♦ Complete device submersible temperature of 265°C for
10 seconds in solder bath
MECHANICAL DATA
Case: JEDEC DO-214BA molded plastic over glass body
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.0048 ounces, 0.120 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
GF1A
GF1B
GF1D
GF1G
GF1J
GF1K
GF1M
UNITS
Device marking code
GA
GB
GD
GG
GJ
GK
GM
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward rectified current
at TL=125°C
I(AV)
1.0
Amp
Peak forward surge current
8.3ms single half sine-wave superimposed on
IFSM
30.0
Amps
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
VF
1.10
1.20
Volts
Maximum DC reverse current
TA=25°C
5.0
at rated DC blocking voltage
TA=125°C
IR
50.0
µA
Typical reverse recovery time (NOTE 1)
trr
2.0
µs
Typical junction capacitance (NOTE 2)
CJ
15.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
80.0
°C/W
R
ΘJL
26.0
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied VR=4.0 Volts
(3) Thermal resistance from junction to ambient and from junction to lead
P.C.B. mounted on 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas
4/98
0.167 (4.24)
0.187 (4.75)
0.0065 (0.17)
0.0105 (0.27)
0.030 (0.76)
0.060 (1.52)
0.006
0.152
TYP.
0.196 (4.98)
0.226 (5.74)
0.094 (2.39)
0.114 (2.90)
0.106 (2.69)
0.118 (3.00)
0.040 (1.02)
0.060 (1.52)
0.098 (2.49)
0.108 (2.74)
DO-214BA
®
Dimensions in inches and (millimeters)
*Glass-plastic encapsulation technique is covered by
Patent No. 3,996,602, brazed-lead assembly by Patent No. 3,930,306 and lead
forming by Patent No. 5,151,846


Similar Part No. - GF1J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GF1J VISHAY-GF1J Datasheet
42Kb / 2P
Surface Mount Glass Passivated Rectifier
15-Mar-11
logo
Fairchild Semiconductor
GF1J FAIRCHILD-GF1J Datasheet
49Kb / 3P
General Purpose Rectifiers (Glass Passivated)
logo
First Components Intern...
GF1J FCI-GF1J Datasheet
165Kb / 2P
1.0 Amp MEGARECTIFIERS
logo
TAITRON Components Inco...
GF1J TAITRON-GF1J Datasheet
150Kb / 5P
1.0A Surface Mount Sintered Glass Passivated Rectifier
logo
SEMTECH ELECTRONICS LTD...
GF1J SEMTECH_ELEC-GF1J Datasheet
201Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
More results

Similar Description - GF1J

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF10A ZOWIE-GF10A Datasheet
63Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
GF15A ZOWIE-GF15A Datasheet
61Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GN1A GOOD-ARK-GN1A Datasheet
199Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
MIC GROUP RECTIFIERS
S1A MIC-S1A Datasheet
61Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Zowie Technology Corpor...
BYD17Z ZOWIE-BYD17Z Datasheet
83Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
BYM10-100-E3 VISHAY-BYM10-100-E3 Datasheet
101Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
26-Jun-06
logo
GOOD-ARK Electronics
GL1X GOOD-ARK-GL1X_15 Datasheet
191Kb / 3P
Surface Mount Glass Passivated Junction Rectifier
logo
DACO SEMICONDUCTOR CO.,...
S3AB DACO-S3AB Datasheet
521Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
1N6478 VISHAY-1N6478_V01 Datasheet
85Kb / 5P
Surface-Mount Glass Passivated Junction Rectifier
18-May-2021
BYM10-50 VISHAY-BYM10-50_V01 Datasheet
85Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
30-Jan-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com