Electronic Components Datasheet Search
  English  ▼

X  

3DC1515 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 3DC1515
Description  SMD 3D Coil 15x15x4mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

3DC1515 Datasheet(HTML) 1 Page - DB Lectro Inc

  3DC1515 Datasheet HTML 1Page - DB Lectro Inc 3DC1515 Datasheet HTML 2Page - DB Lectro Inc 3DC1515 Datasheet HTML 3Page - DB Lectro Inc 3DC1515 Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3DC1515
SMD 3D Coil 15x15x4mm
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas. Málaga (Spain) Phone +34 951 231 320 Fax +34 951 231 321
E-mail: info@grupopremo.com Web http://www.grupopremo.com
Three Axes Transponder Inductors
All rights reserved. Share, use or communication of the contents of this document not permitted without written authorisation.
1
1. Dimensions and Pad Layout
All Dimensions in mm
Pins Coplanarity 0.15mm
General Tolerances ±0.1mm
2. Schematic Diagram
8
1
3
Wz
4
Wy
Wx
5
7
Pins 2 and 6 not connected


Similar Part No. - 3DC1515

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
3DC1515 ECM-3DC1515 Datasheet
155Kb / 2P
15mm2 3D Transponder Inductor
logo
PREMO CORPORATION S.L
3DC1515-HF PREMO-3DC1515-HF Datasheet
83Kb / 1P
SMD 3D Coil 17.5x16.0x4.0 mm MAX
logo
ECM Electronics Limited...
3DC1515T-102 ECM-3DC1515T-102 Datasheet
155Kb / 2P
15mm2 3D Transponder Inductor
3DC1515T-162 ECM-3DC1515T-162 Datasheet
155Kb / 2P
15mm2 3D Transponder Inductor
3DC1515T-192 ECM-3DC1515T-192 Datasheet
155Kb / 2P
15mm2 3D Transponder Inductor
More results

Similar Description - 3DC1515

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
3DC11CAP-0238J PREMO-3DC11CAP-0238J Datasheet
506Kb / 2P
SMD 3D Coil 11x11x3.6 mm (7.2 mH - 2.38 mH) with cap
3DC1111LP PREMO-3DC1111LP Datasheet
181Kb / 4P
SMD 3D Coil 11x11x3mm Low Profile
3DC11F PREMO-3DC11F Datasheet
135Kb / 1P
SMD Foam Label 3D Coil 13x11.6x4.2mm(2.38mH - 7.2mH) Low Prole
3DC11LP PREMO-3DC11LP_14 Datasheet
130Kb / 1P
SMD 3D Coil 13x11.6x3.15 mm MAX (2.38 mH ??7.2 mH) Low prole
3DC11LPCAP PREMO-3DC11LPCAP Datasheet
136Kb / 1P
SMD CAP 3D Coil 13x12.8x3.7 mm (2.38 mH - 7.2 mH) Low Prole
3DC15 PREMO-3DC15 Datasheet
121Kb / 1P
SMD 3D Coil 17.5x15.5x3.8 mm MAX (2.47 mH ??10mH)
3DC15F PREMO-3DC15F Datasheet
130Kb / 1P
SMD Foam Label 3D Coil 17.5x15.5x5 mm MAX (2.47 mH ??7.2 mH)
3DC1515-HF PREMO-3DC1515-HF Datasheet
83Kb / 1P
SMD 3D Coil 17.5x16.0x4.0 mm MAX
logo
DB Lectro Inc
3DC1111 DBLECTRO-3DC1111 Datasheet
181Kb / 4P
SMD 3D Coil 11x11x3mm Low Profile
logo
Abracon Corporation
APAE1575R1540AZDB2F-T ABRACON-APAE1575R1540AZDB2F-T Datasheet
1Mb / 3P
1575.42MHZ; 15x15x4mm GPS Patch Antenna
01.31.14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com