Electronic Components Datasheet Search
  English  ▼

X  

10E Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 10E
Description  With historically proven reliability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

10E Datasheet(HTML) 1 Page - DB Lectro Inc

  10E Datasheet HTML 1Page - DB Lectro Inc 10E Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10E Series
Surface Mount
PRODUCT DESCRIPTIONS
T
M
S
t
t
a
W
0
1
s
e
i
r
e
S
E
0
1
u
y
n
a
S
,
y
t
il
i
b
a
il
e
r
n
e
v
o
r
p
y
ll
a
c
i
r
o
t
s
i
h
h
t
i
W
,
s
n
o
i
t
a
c
i
n
u
m
m
o
c
e
l
e
t
,
E
T
A
e
h
t
y
b
d
e
t
p
e
c
c
a
y
l
e
d
i
w
n
e
e
b
s
a
h
y
a
l
e
r
and instrument markets.
SPECIFICATIONS
10E Series
10E -1A□2G
10E -2A□2G
G: Gull-Wing
Parameters
Units
1 Form A
2 Form A
Test Conditions
Coil Specifications
Nominal Coil Voltage
Coil Resistance
Operate Voltage
Release Voltage
VDC
Ω
VDC Max
VDC Min
5.0
160
3.75
0.8
12.0
600
8.8
1.2
5.0
140
3.75
0.8
12.0
600
8.8
1.2
±10% @ 20˚C
15˚C to 35˚C
15˚C to 35˚C
Contact Ratings
Switching Voltage
Switching Current
Carry Current
Contact Rating
Life Expectancy
Contact Resistance
Contact Resistance Stability
Volts
Amps
Amps
Watts
x106 Cycle
mΩ
mΩ
200
0.5
1.3
30
1500
150
5.0
200
0.5
1.3
30
1500
150
5.0
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
@ 1V 10mA
Max initial @ operate voltage
Max initial @ operate voltage
Relay Specifications
Insulation Resistance
Dielectric Strength
Operate Time
(Including Bounce)
Release Time
Ω Min
VDC Min
VDC Min
VDC Min
msec Max
msec Max
1011
300
500
500
0.5
0.3
1011
300
500
500
0.5
0.5
Between all isolated pins
@ 100V 20˚C 40%RH
Between contacts
Contacts to shield
Contacts/Shield to coil
@ nominal coil voltage
100Hz square wave
Diode suppression
Environmental Ratings
Measurement Reference Conditions
Temp: 15˚C to 35˚C
Humidity: 25% to 75%RH
Atmospheric Pressure: 860 to 1060hpa
Storage temp: -40˚C to +85˚C
Operate temp: -20˚C to +80˚C
Vibration: 20G’s to 2000Hz
Shock: 50G’s
Ordering Code:
10E -1A□2G
□
=1 (5.0VDC), 2 (12.0VDC)
10E -2A□2G
□
=1 (5.0VDC), 2 (12.0VDC)


Similar Part No. - 10E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
10E-1C-15.5 LITTELFUSE-10E-1C-15.5 Datasheet
384Kb / 5P
E Rated Medium Voltage Fuses
10E-1C-15.5 LITTELFUSE-10E-1C-15.5 Datasheet
346Kb / 12P
Medium Voltage Fuses
10E-1C-2.75 LITTELFUSE-10E-1C-2.75 Datasheet
384Kb / 5P
E Rated Medium Voltage Fuses
10E-1C-2.75 LITTELFUSE-10E-1C-2.75 Datasheet
346Kb / 12P
Medium Voltage Fuses
10E-1C-38.0 LITTELFUSE-10E-1C-38.0 Datasheet
384Kb / 5P
E Rated Medium Voltage Fuses
More results

Similar Description - 10E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44211EVKIT MAXIM-MAX44211EVKIT Datasheet
936Kb / 10P
Proven PCB Layout
Rev 0; 6/15
logo
TE Connectivity Ltd
LL-01 TEC-LL-01 Datasheet
181Kb / 3P
Proven ultrasonic technology combined with compact electronics
logo
Maxim Integrated Produc...
MAX2181EVKIT MAXIM-MAX2181EVKIT Datasheet
523Kb / 7P
Proven PCB Layout
Rev 0; 12/13
MAX9947EVKIT MAXIM-MAX9947EVKIT Datasheet
662Kb / 7P
Proven PCB Layout
Rev 0; 1/10
MAX17112EVKIT MAXIM-MAX17112EVKIT Datasheet
93Kb / 4P
Proven PCB Layout
Rev 0; 1/09
MAX9660EVKIT MAXIM-MAX9660EVKIT Datasheet
345Kb / 11P
Proven PCB Layout
Rev 0; 3/09
MAX9634EVKIT MAXIM-MAX9634EVKIT Datasheet
1Mb / 4P
Proven PCB Layout
Rev 0; 3/10
MAX9921EVKIT MAXIM-MAX9921EVKIT Datasheet
167Kb / 6P
Proven PCB Layout
Rev 0; 6/08
MAX14566EEVKIT MAXIM-MAX14566EEVKIT Datasheet
1Mb / 10P
Proven PCB Layout
Rev 0; 4/11
logo
List of Unclassifed Man...
INAND7250 ETC1-INAND7250 Datasheet
783Kb / 1P
Proven Reliability and Endurance for Embedded Platforms
2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com