Electronic Components Datasheet Search
  English  ▼

X  

GI1402 Datasheet(PDF) 1 Page - General Semiconductor

Part # GI1402
Description  FAST EFFICIENT PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GI1402 Datasheet(HTML) 1 Page - General Semiconductor

  GI1402 Datasheet HTML 1Page - General Semiconductor GI1402 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GI1401 THRU GI1404
FAST EFFICIENT PLASTIC RECTIFIER
Reverse Voltage - 50 to 200 Volts
Forward Current - 8.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ Glass passivated chip junction
♦ Low power loss
♦ Low leakage current
♦ High surge capability
♦ Superfast recovery time for high efficiency
♦ High temperature soldering guaranteed:
250°C, 0.16" (4.06mm) from case for 10 seconds
MECHANICAL DATA
Case: JEDEC TO-220AC molded plastic body over
passivated chip
Terminals: Lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Weight: 0.064 ounce, 1.81 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
GI1401
GI1402
GI1403
GI1404
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
100
150
200
Volts
Maximum RMS voltage
VRMS
35
70
105
140
Volts
Maximum DC blocking voltage
VDC
50
100
150
200
Volts
Maximum average forward rectified current at TC=125°C
I(AV)
8.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
125.0
Amps
on rated load (JEDEC Method) at TC=125°C
Maximum instantaneous forward voltage at:
IF=4A, TJ=100°C
0.800
IF=8A, TJ=100°C
VF
0.895
Volts
IF=4A, TJ=25°C
0.900
IF=8A, TJ=25°C
0.975
Maximum DC reverse current
TC=25°C
5.0
at rated DC blocking voltage
TC=100°C
IR
150.0
µA
Maximum reverse recovery time (NOTE 1)
trr
35.0
ns
Typical junction capacitance (NOTE 2)
CJ
85.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
15.0
°C/W
(NOTE 4)
R
ΘJC
2.2
Operating and storage temperature range
TJ, TSTG
-65 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient in free air, no heatsink
(4) Thermal resistance from junction to case mounted on heatsink
4/98
0.154 (3.91)
0.148 (3.74)
DIA.
0.113 (2.87)
0.103 (2.62)
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
0.160 (4.06)
0.140 (3.56)
0.037 (0.94)
0.027 (0.68)
0.205 (5.20)
0.195 (4.95)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
12
1.148 (29.16)
1.118 (28.40)
0.105 (2.67)
0.095 (2.41)
0.410 (10.41)
0.390 (9.91)
0.635 (16.13)
0.625 (15.87)
0.560 (14.22)
0.530 (13.46)
PIN
PIN 1
PIN 2
CASE
0.415 (10.54) MAX.
0.370 (9.40)
0.360 (9.14)
TO-220AC
Dimensions in inches and (millimeters)


Similar Part No. - GI1402

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GI1402 VISHAY-GI1402 Datasheet
113Kb / 4P
Ultrafast Plastic Rectifier
07-Nov-07
GI1402 VISHAY-GI1402 Datasheet
114Kb / 4P
Ultrafast Plastic Rectifier
15-Nov-17
GI1402 VISHAY-GI1402 Datasheet
73Kb / 4P
Ultrafast Plastic Rectifier
06-Oct-2021
More results

Similar Description - GI1402

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYV32-50 GE-BYV32-50 Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
BYVB32-50 GE-BYVB32-50 Datasheet
84Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
BYW29-50 GE-BYW29-50 Datasheet
74Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEP16AT GE-FEP16AT Datasheet
80Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEP30AP GE-FEP30AP Datasheet
73Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEP6AT GE-FEP6AT Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEPB16AT GE-FEPB16AT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FESB8AT GE-FESB8AT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FESF8AT GE-FESF8AT Datasheet
146Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
GIF1401 GE-GIF1401 Datasheet
134Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com