Electronic Components Datasheet Search
  English  ▼

X  

132D Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 132D
Description  PCB mount version of our high breakdown voltage relay series.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

132D Datasheet(HTML) 1 Page - DB Lectro Inc

  132D Datasheet HTML 1Page - DB Lectro Inc 132D Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
132D Series
PRODUCT DESCRIPTIONS
SPECIFICATIONS
The 132D Series is a PCB mount version of our high breakdown
voltage relay series. This series is mainly provided for high
voltage instrumentations. We also offer a withstand voltage
range of 2.5 to 15KV as an option.
Please contact our sales engineers for more details.
132D Series
132D-1A□0N0
High Breakdown Voltage
Parameters
Units
1 form A
Test Conditions
Coil Specifications
Nominal Coil Voltage
Coil Resistance
Operate Voltage
Release Voltage
VDC
Ω
VDC Max
VDC Min
5.0
35
3.6
0.7
12.0
180
8.8
1.2
24.0
650
17.6
2.4
±10% @ 20˚C
15˚C to 35˚C
15˚C to 35˚C
Contact Ratings
Switching Voltage
Switching Current
Carry Current
Contact Rating
Life Expectancy
Contact Resistance
Contact Resistance Stability
Volts
Amps
Amps
Watts
x106 Cycle
mΩ
mΩ
3500
3.0
3.0
50
100
500
5.0
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
@ 1V 10mA
Max initial @ operate voltage
Max initial @ operate voltage
Relay Specifications
Insulation Resistance
Dielectric Strength
Operate Time
(Including Bounce)
Release Time
Ω Min
VDC Min
VDC Min
msec Max
msec Max
1010
5000
5000
5.0
5.0
Between all isolated pins
@ 1000V 20˚C 40%RH
Between contacts
Contacts to coil
@ nominal coil voltage
100Hz square wave
Diode suppression
Environmental Ratings
Measurement Reference Conditions
Temp: 15˚C to 35˚C
Humidity: 25% to 75%RH
Atmospheric Pressure: 860 to 1060hpa
Storage temp: -40˚C to +80˚C
Operate temp: -20˚C to +60˚C
Vibration: 20G’s to 2000Hz
Shock: 50G’s
Ordering Code:
132D-1A□0N0
□
=1 (5.0VDC), 2 (12.0VDC), 3 (24.0VDC)
High Breakdown Voltage


Similar Part No. - 132D

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
132 COILCRAFT-132 Datasheet
90Kb / 1P
Fixed RF Inductors
logo
Vishay Siliconix
132 VISHAY-132 Datasheet
75Kb / 3P
1 5/16"(33.3mm) Low Cost Indeustrial Single Turn Wirewound, Bushing Mount Type Potentiometer
12-Apr-13
logo
List of Unclassifed Man...
132 ETC2-132 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
Vishay Siliconix
132 VISHAY-132 Datasheet
76Kb / 3P
1 5/16" (33.3 mm) Low Cost Industrial Single Turn Wirewound, Bushing Mount Type Potentiometer
12-Apr-13
logo
Keystone Electronics Co...
132 KEYSTONE-132 Datasheet
418Kb / 1P
RUGGED & LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
31-07 20th
More results

Similar Description - 132D

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT86LCSMX ACT-ACT86LCSMX Datasheet
151Kb / 2P
a low cost version of our popular the Surface Mount,
31/08/07
logo
Panasonic Semiconductor
TXD2-3V PANASONIC-TXD2-3V Datasheet
124Kb / 7P
High Breakdown Voltage Relay Communications (xDSL)
logo
Panasonic Battery Group
TX-D PANASONICBATTERY-TX-D Datasheet
124Kb / 7P
High Breakdown Voltage Relay
logo
DB Lectro Inc
135W DBLECTRO-135W Datasheet
520Kb / 2P
a high breakdown voltage rate of 10KV.
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42 MAKOSEMI-MMBTA42 Datasheet
97Kb / 2P
High breakdown voltage
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
High breakdown voltage
HDS20U30GW SEMIHOW-HDS20U30GW Datasheet
410Kb / 3P
High Breakdown Voltage
logo
SHIKUES Electronics
2SC4548 SKTECHNOLGY-2SC4548 Datasheet
1Mb / 2P
High Breakdown Voltage Adoption of MBIT Process
logo
Shanghai Leiditech Elec...
MMBTA42 LEIDITECH-MMBTA42 Datasheet
1Mb / 3P
High breakdown voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com