Electronic Components Datasheet Search
  English  ▼

X  

133D Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 133D
Description  High breakdown voltage 10KV/15KV
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

133D Datasheet(HTML) 1 Page - DB Lectro Inc

  133D Datasheet HTML 1Page - DB Lectro Inc 133D Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
130/133D Series
High Breakdown Voltage
PRODUCT DESCRIPTIONS
The high breakdown voltage series is used for
instrumentation devise test and general purpose
requirements. Marcury contact is also available.
-High breakdown voltage 10KV/15KV*
-High contact rating (Mercury 250W)
-Low contact resistance 50m
-1 Form A / Optional 1 Form B available
-Custom dimension available
SPECIFICATIONS
130D/133D Series
130D-1A□0N0
133D-1A30N0
High breakdown Voltage
Parameters
Units
1 Form A
1 Form A
Test Conditions
Coil Specifications
Nominal Coil Voltage
Coil Resistance
Operate Voltage
Release Voltage
VDC
Ω
VDC Max
VDC Min
5.0
80
4.0
0.7
12.0
250
9.6
1.2
24.0
600
19.2
2.4
24.0
400
19.2
2.4
±10% @ 20˚C
15˚C to 35˚C
15˚C to 35˚C
Contact Ratings
Switching Voltage
Switching Current
Carry Current
Contact Rating
Life Expectancy
Contact Resistance
Volts
Amps
Amps
Watts
x106 Cycle
mΩ
7500
3.0
3.0
50
100
500
10000
3.0
3.0
50
100
500
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
@ 1V 10mA
Max initial @ operate voltage
Relay Specifications
Insulation Resistance
Dielectric Strength
Operate Time
(Including Bounce)
Release Time
Ω Min
VDC Min
VDC Min
msec Max
msec Max
1010
10000
10000
5.0
5.0
1010
15000
15000
5.0
5. 0
Between all isolated pins
@ 1000V 20˚C 40%RH
Between contacts
Contacts to coil
@ nominal coil voltage
100Hz square wave
Diode suppression
Environmental Ratings
Measurement Reference Conditions
Temp: 15˚C to 35˚C
Humidity: 25% to 75%RH
Atmospheric Pressure: 860 to 1060hpa
Storage temp: -40˚C to +85˚C
Operate temp: -20˚C to +60˚C
Vibration: 20G’s to 2000Hz
Shock: 50G’s
Ordering Code:
130D-1 A□0N0
□
=1 (5.0VDC), 2 (12.0VDC), 3 (24.0VDC)


Similar Part No. - 133D

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
133 MARATHON-133 Datasheet
870Kb / 4P
Thermoplastic Power Blocks With Hinge Covers Attached (CH)
logo
HellermannTyton.
133-00034 HELLERMANNTYTON-133-00034 Datasheet
415Kb / 5P
2-piece fixing ties with fir tree, with disc, for round holes
December 2021
logo
Laird Tech Smart Techno...
133-00719 LSTD-133-00719 Datasheet
895Kb / 3P
SentriusTM BT610 I/O Sensor
133-00719B LSTD-133-00719B Datasheet
895Kb / 3P
SentriusTM BT610 I/O Sensor
133-00720B LSTD-133-00720B Datasheet
895Kb / 3P
SentriusTM BT610 I/O Sensor
More results

Similar Description - 133D

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL72 GETEDZ-2CL72 Datasheet
72Kb / 1P
5mA 10kV HIGH VOLTAGE DIODES
HV600S10 GETEDZ-HV600S10 Datasheet
68Kb / 1P
600mA 10kV HIGH VOLTAGE DIODES
logo
DB Lectro Inc
130D DBLECTRO-130D Datasheet
541Kb / 2P
High breakdown voltage 10KV/15KV
135W DBLECTRO-135W Datasheet
520Kb / 2P
a high breakdown voltage rate of 10KV.
logo
Cynergy3 Co
D-HR CYNERGY3-D-HR Datasheet
73Kb / 2P
High Insulation Resistance, High Voltage Relays -10kV and 15kV
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
High breakdown voltage
HDS20U30GW SEMIHOW-HDS20U30GW Datasheet
410Kb / 3P
High Breakdown Voltage
logo
Cynergy3 Co
DAT71210F CYNERGY3-DAT71210F Datasheet
258Kb / 2P
High Voltage relays 10kV & 15kV
logo
Shanghai Leiditech Elec...
MMBTA42 LEIDITECH-MMBTA42 Datasheet
1Mb / 3P
High breakdown voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com