Electronic Components Datasheet Search
  English  ▼

X  

GI2403 Datasheet(PDF) 1 Page - General Semiconductor

Part # GI2403
Description  GLASS PASSIVATED PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GI2403 Datasheet(HTML) 1 Page - General Semiconductor

  GI2403 Datasheet HTML 1Page - General Semiconductor GI2403 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4/98
GI2401 THRU GI2404
GLASS PASSIVATED PLASTIC RECTIFIER
Reverse Voltage - 50 to 200 Volts
Forward Current - 16.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ Dual rectifier construction, positive centertap
♦ Glass passivated chip junctions
♦ Low power loss
♦ High surge capability
♦ Superfast recovery times for high efficiency
♦ High temperature soldering guaranteed:
250°C, 0.16" (4.06mm) from case for 10 seconds
MECHANICAL DATA
Case: JEDEC TO-220AB molded plastic body over
passivated chips
Terminals: Plated lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 5 in. - lbs. max.
Weight: 0.08 ounce, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
.
SYMBOLS
GI2401
GI2402
GI2403
GI2404
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
100
150
200
Volts
Maximum RMS voltage
VRMS
35
70
105
140
Volts
Maximum DC blocking voltage
VDC
50
100
150
200
Volts
Maximum average forward rectified current
at TC=125°C
I(AV)
16.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method) at TC=125°C
IFSM
125.0
Amps
Maximum instantaneous forward voltage per leg at:
IF=4A, TJ=25°C
0.975
IF=8A, TJ=25°C
0.900
IF=4A, TJ=100°C
0.800
IF=8A, TJ=100°C
VF
0.895
Volts
Maximum DC reverse current
TC=25°C
50.0
5.0
at rated DC blocking voltage
TC=100°C
IR
150.0
500.0
µA
Maximum reverse recovery time per leg (NOTE1)
trr
35.0
ns
Typical junction capacitance per leg (NOTE 2)
CJ
85.0
pF
Typical thermal resistance per leg (NOTE 3)
R
ΘJA
16.0
°C/W
R
ΘJC
2.2
Operating junction and storage temperature range
TJ, TSTG
-65 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to case and from junction to ambient per leg mounted on heatsink
0.415 (10.54) MAX.
0.154 (3.91)
0.148 (3.74)
DIA.
0.113 (2.87)
0.103 (2.62)
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
0.160 (4.06)
0.140 (3.56)
0.037 (0.94)
0.027 (0.68)
0.205 (5.20)
0.195 (4.95)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.35)
0.110 (2.79)
0.100 (2.54)
PIN
1
2
3
PIN 1
PIN 3
CASE
1.148 (29.16)
1.118 (28.40)
0.105 (2.67)
0.095 (2.41)
0.410 (10.41)
0.390 (9.91)
0.105 (2.67)
0.095 (2.41)
0.635 (16.13)
0.625 (15.87)
0.560 (14.22)
0.530 (13.46)
PIN 2
0.370 (9.40)
0.360 (9.14)
TO-220AB
Dimensions in inches and (millimeters)


Similar Part No. - GI2403

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GI2403 VISHAY-GI2403 Datasheet
126Kb / 4P
Dual Common-Cathode Ultrafast Plastic Rectifier
30-Aug-07
GI2403 VISHAY-GI2403 Datasheet
131Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
15-Nov-17
logo
Inchange Semiconductor ...
GI2403-E3-45 ISC-GI2403-E3-45 Datasheet
298Kb / 2P
Ultrafast Rectifier
GI2403HE3-45 ISC-GI2403HE3-45 Datasheet
298Kb / 2P
Ultrafast Rectifier
More results

Similar Description - GI2403

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N4001G RECTRON-1N4001G Datasheet
23Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
1N5400G RECTRON-1N5400G Datasheet
23Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
General Semiconductor
GIB2401 GE-GIB2401 Datasheet
94Kb / 2P
GLASS PASSIVATED PLASTIC RECTIFIER
GIF2401 GE-GIF2401 Datasheet
83Kb / 2P
GLASS PASSIVATED PLASTIC RECTIFIER
logo
Pan Jit International I...
PG200 PANJIT-PG200_09 Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Shenzhen Luguang Electr...
RL151G LUGUANG-RL151G Datasheet
153Kb / 2P
Glass Passivated Junction Plastic Rectifier
logo
Pan Jit International I...
PG1517S PANJIT-PG1517S Datasheet
68Kb / 4P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
1N5404GP VISHAY-1N5404GP Datasheet
88Kb / 4P
Glass Passivated Junction Plastic Rectifier
02-Feb-16
1N4383GP VISHAY-1N4383GP_V01 Datasheet
75Kb / 5P
Glass Passivated Junction Plastic Rectifier
05-Oct-2021
1N539XGP VISHAY-1N539XGP_V01 Datasheet
76Kb / 5P
Glass Passivated Junction Plastic Rectifier
05-Oct-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com