Electronic Components Datasheet Search
  English  ▼

X  

ESD100V2 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # ESD100V2
Description  Output Interface UART, Bluetooth Specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ESD100V2 Datasheet(HTML) 1 Page - DB Lectro Inc

  ESD100V2 Datasheet HTML 1Page - DB Lectro Inc ESD100V2 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OEM Bluetooth-Serial Module,
ESD100V2
· Output Interface UART, Bluetooth Specification
v2.0+EDR
· Transmit Power - Max. 18dBm
· Receiving Sensitivity: 90dBm(0.1%BER)
· Compact size - 27.5 x 30.0 x 14.0 (mm)
1.08 x 1.18 x 0.55 (in)
· Provides transparent RS232 serial cable replacement.
· Profile: Bluetooth Serial Port Profile.
· Interoperability with PDA, laptops etc.
· on-board chip antenna
· Firmware upgrade via windows-based software
(ParaniUpdater)
· Working distance ( In an open field ): Nom. 100 meters
· Easy to use Windows configuration tool available.
· No external drivers required.
Pin Assignment
www.sena.com
The Parani-ESD100V2 is a Bluetooth v2.0+EDR
Class1 type Embedded Bluetooth serial module for RS232 cable
replacement. The Parani-ESD100V2 is a compact size Bluetooth
serial module with built-in chip antenna. It supports 100 meter of
wireless transmit distance.
Typical application areas of the Parani-ESD100V2 include:
- RS232 cable replacement
- Wireless Factory monitoring
- Truck/Bus monitoring system
- PLC programming
- Car Diagnostics
- Wireless Printing
- Wireless POS system
- Wireless logistics
- Wireless machine(healthcare/industrial) monitoring
Features
7
8
9
10
11
12
2
3
4
5
6
1
G ND
G ND
Pairing
VDD
RTS
TXD RXD
CTS
DTR
DCD DSR
RST
Pin #
1
2
3
4
5
6
7
8
9
10
11
12
Direction
-
Output
Input
Output
Input
Input
Input
Output
Input
Output
Input
-
Signal
GND
TxD
RxD
RTS
CTS
VDD
Pairing
DCD
DSR
DTR
RST
GND
Description
Power Ground
UART Data Output
UART Data Input
UART Ready to Send
UART Clear to Send
DC Input (3.0~3.3V)
Pairing Input (Active Low)
Bluetooth Connect Detect (Active Low)
Data Set Ready
Data Terminal Ready
Reset (Active Low)
Power Ground
Signal Level
Ground
TTL
TTL
TTL
TTL
Power
TTL
TTL
TTL
TTL
TTL
Ground


Similar Part No. - ESD100V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESD100V2 ETC-ESD100V2 Datasheet
501Kb / 2P
Bluetooth-serial Module
ESD100V2-01 ETC-ESD100V2-01 Datasheet
501Kb / 2P
Bluetooth-serial Module
ESD100V2SK-02 ETC-ESD100V2SK-02 Datasheet
501Kb / 2P
Bluetooth-serial Module
More results

Similar Description - ESD100V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT32 ETC2-WT32 Datasheet
147Kb / 3P
Bluetooth specification
logo
DB Lectro Inc
BCD210 DBLECTRO-BCD210 Datasheet
375Kb / 2P
Bluetooth v2.0 EDR specification
ESD110V2 DBLECTRO-ESD110V2 Datasheet
379Kb / 2P
Output Interface UART, Bluetooth Specification
ESD200 DBLECTRO-ESD200 Datasheet
720Kb / 2P
Output Interface UART, Compliant Bluetooth stack v1.2-improved
ESD210 DBLECTRO-ESD210 Datasheet
720Kb / 2P
Output Interface UART, Compliant Bluetooth stack v1.2-improved AFH
logo
List of Unclassifed Man...
CH340G ETC2-CH340G Datasheet
207Kb / 6P
USB to UART Interface
CH340G ETC-CH340G Datasheet
2Mb / 9P
USB to UART Interface
logo
Realtek Semiconductor C...
RTL8761ATT-CG REALTEK-RTL8761ATT-CG Datasheet
1Mb / 26P
BLUETOOTH 2.1/3.0/4.0/4.1/4.2 CONTROLLER, UART INTERFACE
logo
CINCON ELECTRONICS Corp...
BD5T CINCON-BD5T Datasheet
652Kb / 2P
Bluetooth Interface
logo
Pepperl+Fuchs Inc.
HM-MT-BT-EX-010041 PF-HM-MT-BT-EX-010041 Datasheet
685Kb / 2P
Viator Bluetooth HART Interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com