Electronic Components Datasheet Search
  English  ▼

X  

LTC100 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # LTC100
Description  Fully compatible with PC serial COM ports
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

LTC100 Datasheet(HTML) 1 Page - DB Lectro Inc

  LTC100 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- Max. distance 1.2 km
- Fully compatible with PC serial COM ports
- No external power supply required (port-powered)
- Optional external DC power supply (7~12VDC)
- Built-in surge protector up to 15kV
- RTS auto toggling
- Communication status can be monitored using LEDs
- DIP switch for RS422/485 mode selection
- Max. 10 device connectivity for RS422 multi-drop mode
- Max. 32 device connectivity for RS485 mode
LTC100 is a high performance signal converter between
RS-232 and RS-422/485 which operates with or without external
power source. It supports both half duplex 2-wire RS-485 and
full duplex 4-wire RS-422. The LTC100 is also equipped with 15
KV ESD surge protector to protect itself against damage from
electrostatic discharge.
Features
RS232-RS422/485 Serial Converter,
LTC100
Specifications
Serial Interface
- Mode : asynchronous serial communication
· RS422 mode : point-to-point, multi-drop
· RS485 mode : echo, non-echo
- Speed : up to 115.2Kbps
- Distance : max. 1.2Km @115.2Kbps, 24AWG twisted pair cable
- Connector
· RS232 : DB9 female
· RS422/485 : terminal block 5P
- Signals
· RS232 : TXD, RXD, DCD, DSR, RTS, DTR, CTS, GND
· RS422 : RXD-, RXD+, GND, TXD-, TXD+
· RS485 : TRXD-, TRXD+
- Protection : 15KV surge protection for all signals
- Data bits : 5, 6, 7, 8
- Stop bits : 1, 1.5, 2
- Parity : none, even, odd, space, mark
- RTS control : auto toggling
LEDs : Power, TX, RX
Power
- Power input : 7~12VDC
- Power consumption : 0.4W (33mA@12V)
Environmental
- Operating temperature : 0 ~ 55°C (32~131°F)
- Storage temperature : -20~70°C (-4~158°F)
- Humidity : 5 ~ 95% non-condensing
Physical Properties
- Dimension : 74(W)x37(H)x19(D)mm
- Weight : 33g
Certification : CE, FCC, KCC
Warranty : 1-year limited warranty
U.S. / Canada / South America
Tel : +1 (408) 573-7425 Fax: +1 (408) 907-3738
Toll Free (US/Canada): 1-8668-US-SENA (1-866-887-7362)
EU / Africa
Tel : +33 (0) 1 53 53 16 29 Fax: +33 (0) 1 70 24 70 90
Asia / Pacific
Tel : +82-2-571-8283 Fax: +82-2-573-7710
Contact us via E-mail
General Information : info@sena.com
Sales & Distribution : sales@sena.com
Technical Support : support@sena.com
www.sena.com
For more information,
please visit us at http://www.sena.com
Ordering Information
LTC100-01 Includes
- LTC100 : Serial Converter
- User Manual
Optional Accessories
- GEP0504028 : AC adapter (9V 300mA 3.47PHI for EU)
- GEP0504029 : AC adapter (9V 500mA 3.47PHI for US)
Exterior
Terminal Block
LEDs
RS422 / RS485
Slide Switch
Power Connector


Similar Part No. - LTC100

ManufacturerPart #DatasheetDescription
logo
LEM
LTC1000-S LEM-LTC1000-S Datasheet
242Kb / 4P
Current Transducer
LTC1000-SF LEM-LTC1000-SF Datasheet
37Kb / 2P
Current Transducer
LTC1000-SFC LEM-LTC1000-SFC Datasheet
38Kb / 2P
Current Transducer
LTC1000-T LEM-LTC1000-T Datasheet
37Kb / 2P
Current Transducer
More results

Similar Description - LTC100

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
EPC-8611F PROTECHSYSTEMS-EPC-8611F Datasheet
256Kb / 2P
Multi-Serial Communication ports Embedded PC
logo
Axiomtek Co., Ltd.
CAPA831 AXIOMTEK-CAPA831 Datasheet
283Kb / 1P
4 COM ports
EP100 AXIOMTEK-EP100 Datasheet
267Kb / 1P
4 COM ports
NANO831 AXIOMTEK-NANO831 Datasheet
327Kb / 1P
2 COM ports
PICO100 AXIOMTEK-PICO100 Datasheet
291Kb / 1P
2 COM ports
PICO830 AXIOMTEK-PICO830 Datasheet
338Kb / 1P
2 COM ports
SBC84831 AXIOMTEK-SBC84831 Datasheet
243Kb / 1P
6 COM ports
SBC84832 AXIOMTEK-SBC84832 Datasheet
270Kb / 1P
2 COM ports
E38H831100 AXIOMTEK-E38H831100 Datasheet
342Kb / 1P
2 COM ports
IPC910H AXIOMTEK-IPC910H Datasheet
578Kb / 2P
4 COM ports
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com