Electronic Components Datasheet Search
  English  ▼

X  

MSP1000 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # MSP1000
Description  Connects Bluetooth devices to 10/100 base-T Ethernet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSP1000 Datasheet(HTML) 2 Page - DB Lectro Inc

  MSP1000 Datasheet HTML 1Page - DB Lectro Inc MSP1000 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.sena.com
Bluetooth Access Point,
MSP1000
MSP1000A Parani-MSP1000A Industrial Bluetooth Access Point with 7 connections support
MSP1000B Parani-MSP1000B Industrial Bluetooth Access Point with 14 connections support
MSP1000C Parani-MSP1000C Industrial Bluetooth Access Point with 28 connections support
Includes
- DC Power Adapter
- DAT-G01R : 3 dBi Dipole Antenna - RP-SMA Plug Right-hand Thread
- Serial data cable
- Ethernet straight cable
- Wall mount bracket
- Quick Start Guide
- CD-ROM
Optional Accessories
- DAT5-G01R : 5 dBi Dipole Antenna - RP-SMA Plug Right-hand Thread
- PAT-G01R : 9dBi Patch Antenna with RP-SMA Plug Right hand Thread Default Cable.
(SMA Jack Right hand Thread w/o Default Cable)
- SEC-G01R : 15cm Extension Cable(For SAT-G01R / DAT-G01R / DAT5-G01R)
- RFC-G01R : 1m Extension Cable(For PAT-G01R)
For more information, please visit us at http://www.sena.com
Ordering Information
U.S. / Canada / South America
Tel : +1 (408) 573-7425 Fax : +1 (408) 907-3738
Toll Free (US/Canada): 1-8668-US-SENA (1-866-887-7362)
EU / Africa
Tel : +33 (0) 1 53 53 16 29 Fax : +33 (0) 1 70 24 70 90
Asia / Pacific
Tel : +82-2-571-8283 Fax : +82-2-573-7710
Contact us via E-mail
General Information : info@sena.com
Sales & Distribution : sales@sena.com
Technical Support : support@sena.com
Specifications
Ethernet Interface
- Dual 10/100 Base-T Ethernet with RJ45 connector
- Supports Static IP and Dynamic IP address
Bluetooth Interface
- Bluetooth v2.0 + EDR
- Class 1
- Profiles : Serial Port, LAN Access, PAN, Dial up Networking,
File Transfer
- Data rate : up to 3Mbps
- Working distance
Parani-MSP1000
Parani-SD100
Parani-ESD110
-----------------------------------------------------------------------------------------
DAT-G01R Antenna
- SAT-G01R Antenna
up to 150m
DAT-G01R Antenna
- DAT-G01R Antenna
up to 200m
DAT-G01R Antenna
- DAT5-G01R Antenna
up to 300m
DAT-G01R Antenna
- PAT-G01R Antenna
up to 500m
DAT5-G01R Antenna - DAT5-G01R Antenna
up to 400m
DAT5-G01R Antenna - PAT-G01R Antenna
up to 600m
PAT-G01R Antenna
- PAT-G01R Antenna
up to 1000m
Max. Tx power: +17dBi(Using DAT-G01R Antenna)
Receive Sensitivity: -88dBm
Point to multi point connectivity
- Up to 28 connections
Network Protocols
- IPv4, ICMP, ARP, TCP, HTTP, telnet, TFTP
- SSH, HTTPS, SSL/TLS, DNS
- SCP/SFTP/FTP, syslog, NTP
- SMTP, Dynamic DNS
Security
- IP Filtering, SSH v2, SSL/TLS, HTTPS, SCP, SFTP
CF Port
- Flash memory
Logging
- Syslog server, CF memory
Real Time Clock: Built-in support
Customization
- Python Script engine, ELDK v4.0, 2MB internal user space
Management
- Windows Utility
- Web, Telnet, Serial Console
Firmware Upgrade
- Telnet/SSH, Web, Bootp, CF memory, Zmodem, TFTP
Diagnostic LED
- POWER, STATUS, Ethernet0, Ethernet1
- Signal Strength, No of Connections
Power
- 5VDC
- Nominal Current Consumption : 1.2A@ 5VDC approximately
Environmental
- Operating temperature : 0˚C to 50˚C
- Storage temperature : -30˚C to 85˚C
- Humidity : 90% Non-condensing
Physical properties
- Dimension(L x W x H) :
203 x 170 x 44(mm)
7.99 x 6.69 x 1.73( in.)
- Weight :
MSP1000A : 1414g
MSP1000B : 1432g
MSP1000C : 1468g
MTBF: 30.52 Years
Certification
- FCC, CE, TELEC
Warranty
- 3-year limited warranty



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com