Electronic Components Datasheet Search
  English  ▼

X  

SD200L Datasheet(PDF) 1 Page - DB Lectro Inc

Part # SD200L
Description  Provides transparent RS232 serial cable replacement.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SD200L Datasheet(HTML) 1 Page - DB Lectro Inc

  SD200L Datasheet HTML 1Page - DB Lectro Inc SD200L Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bluetooth Serial Adapter,
SD100/200
· Provides transparent RS232 serial cable replacement.
· Supports Bluetooth stack 1.2 - improved AFH(Adaptive
Frequency Hopping), Fast connection.
· Transmit Power - SD100 : Max. +18dBm
SD200 : Max. +4dBm
· Receiving Sensitivity - SD100 : -88dBm(0.1%BER)
SD200 : -80dBm(0.1%BER)
· Antenna gain - Stub : +2dBi, Dipole : +3dBi, Patch : +9dBi
· Supports Bluetooth Serial Port Profile.
· Interoperability with PDA, laptops etc.
· Supports firmware upgrade via windows-based software
(ParaniUpdater)
· Working distance(In an open field)
- Parani-SD100 : Class 1, Nom. 100 meters,
up to 1000m using patch antenna
- Parani-SD200 : Class 2, Nom. 30 meters,
up to 300m using patch antenna
· Software-free configuration support using DIP-Switch and
pairing button
· Parani-SD200 : Supports battery pack(Two AA batteries)
· No external drivers required.
Panel Layout
www.sena.com
Parani-SD Series is a Bluetooth serial adapter product
line based on Bluetooth technology. Parani-SD Series enables
RS232-based serial devices to communicate wirelessly
throughout the range of 30m~300m(Parani-SD200-Class 2) or
100m~1000m(Parani-SD100-Class 1).
Users may configure the Parani-SD Series by using combination of
DIP-switch and Pairing button, easy-to-use Windows-based utility
software or by using standard AT command set.
Using DIP-switch of the Parani-SD Series, user can simply configure
baud rate and hardware flow control settings of the Parani-SD
Series. Pairing-button enables two Parani-SD Series units to be
connected automatically.
Flexible power supply options allow users to choose which options
suits them best, i.e. Power by DC power cable, Power by external
DC adapter, Power by USB power cable, Power by pin 9 of DB9
connector. The Parani-SD supports battery pack that can carry
two AA batteries. Users can use both general type batteries or
rechargeable ones. Battery pack allows users to recharge the
batteries.
Typical application areas of the Parani-SD Series include :
- RS232 cable replacement
- Truck/Bus monitoring system
- Car Diagnostics
- Wireless POS system
- Wireless machine(healthcare/industrial) monitoring
Features
Parani-SD100
On this side:
DC Connector
On the opposite side:
ON/OFF Switch
DIP Switch Set
LED Set
Stub Antenna
Factory Reset Switch
DIP Switch Set
LED Set
Stub Antenna
Pairing Button
Parani-SD200
Battery Pack
Pairing button
On this side:
DC Connector
On the opposite side:
ON/OFF Switch
Factory Reset Switch
- Wireless Factory monitoring
- PLC programming
- Wireless Printing
- Wireless logistics


Similar Part No. - SD200L

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD200 CALOGIC-SD200 Datasheet
27Kb / 2P
High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
logo
DB Lectro Inc
SD200 DBLECTRO-SD200 Datasheet
421Kb / 2P
Provides transparent RS232 serial cable replacement.
logo
List of Unclassifed Man...
SD200 ETC-SD200 Datasheet
536Kb / 2P
Bluetooth-serial adapter
logo
Astrodyne Corporation
SD200 ASTRODYNE-SD200 Datasheet
778Kb / 3P
200W Single Output DC-DC Converter
logo
Advanced Photonix, Inc.
SD200-11-21-241 ADVANCEDPHOTONIX-SD200-11-21-241 Datasheet
97Kb / 1P
Red Enhanced Silicon Photodiode
More results

Similar Description - SD200L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP303 SIPEX-SP303 Datasheet
75Kb / 8P
RS232/AppleTalk TM Serial Transceiver
logo
List of Unclassifed Man...
NEPORT ETC2-NEPORT Datasheet
4Mb / 18P
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
logo
Future Technology Devic...
UC232R-10 FTDI-UC232R-10 Datasheet
27Kb / 1P
Economy USB - RS232 Serial Converter Cable
logo
DB Lectro Inc
SD200 DBLECTRO-SD200 Datasheet
421Kb / 2P
Provides transparent RS232 serial cable replacement.
SD1100 DBLECTRO-SD1100 Datasheet
450Kb / 2P
Provides transparent RS422/485 serial cable replacement
logo
List of Unclassifed Man...
COM-1274 ETC2-COM-1274 Datasheet
369Kb / 3P
Serial ??8 asynchronous RS232/422/485 serial ports (software configurable)
logo
Tripp Lite. All Rights ...
P450-006 TRIPPLITE-P450-006 Datasheet
487Kb / 3P
Null Modem Serial RS232 Cable (DB9 F/F) 6-ft.
P454-006 TRIPPLITE-P454-006 Datasheet
479Kb / 3P
Null Modem Serial RS232 Cable (DB9 M/F) 6-ft
logo
ATMEL Corporation
AT90PWM2-3 ATMEL-AT90PWM2-3 Datasheet
123Kb / 6P
RS232 cable from PC to RS232 CTRL connector
logo
Beckhoff Automation Gmb...
CX2500-0030 BECKHOFF-CX2500-0030 Datasheet
75Kb / 1P
Serial Interface RS232 for CX20xx, CX52xx
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com