Electronic Components Datasheet Search
  English  ▼

X  

SD1000U Datasheet(PDF) 2 Page - DB Lectro Inc

Part # SD1000U
Description  Bluetooth Specification v2.0 EDR Class 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SD1000U Datasheet(HTML) 2 Page - DB Lectro Inc

  SD1000U Datasheet HTML 1Page - DB Lectro Inc SD1000U Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bluetooth USB Adapter,
SD1000U
Ordering Information
Specifications
Supported Bluetooth Profiles
- Serial Port Profile (SPP)
Computer OS Support
- Windows 7
- Windows 7 x64
- Windows Server 2008
- Windows Server 2008 x64
- Windows Vista
- Windows Vista x64
- Windows Server 2003
- Windows Server 2003 x64
- Windows XP
- Windows XP x64
- Windows 2000
- Windows ME
- Windows 98
- Linux
- Mac OS X
- Mac OS 9
- Mac OS 8
- Windows CE.NET (Version 4.2 and greater)
Environmental
- Operating Temperature: -20˚C ~ +70˚C
- Storage Temperature: -40˚C ~ +85˚C
- Humidity: 95% Non-condensing
Physical properties
- Dimension (L x W x H)
· 68 mm x 22 mm x 11.5mm (2.6 in x 0.8 in x 0.4 in) without cap
· 71 mm x 22 mm x 11.5mm (2.7 in x 0.8 in x 0.4 in) with cap
· 97 mm x 22 mm x 11.5mm (3.8 in x 0.8 in x 0.4 in) with cap&1dBi stub
- Weight: 56 g
Regulatory Approvals
- FCC, CE, TELEC, KCC, IC, Bluetooth SIG
Warranty
- 1 year limited warranty
SD1000U-G01 Includes
- Parani-SD1000U
- Stub antenna
- Quick Start Guide
- CD-ROM including Driver, User guide and Data sheet
Optional Accessories
- SAT-G01R: 1 dBi Stub Antenna - RP-SMA Plug Right-hand Thread
- DAT-G01R: 3 dBi Dipole Antenna - RP-SMA Plug Right-hand Thread
- DAT5-G01R: 5 dBi Dipole Antenna - RP-SMA Plug Right-hand Thread
- PAT-G01R: 9dBi Patch Antenna with RP-SMA Plug Right hand Thread Default Cable.
(SMA Jack Right hand Thread w/o Default Cable)
- SEC-G01R: 15cm Extension Cable (For SAT-G01R / DAT-G01R / DAT5-G01R)
- RFC-G01R: 1m Extension Cable (For PAT-G01R)
www.sena.com
U.S. / Canada / South America
Tel: 408-448-1997 Fax: 408-907-3738
Sales and Support Toll Free (US/Canada): 8669-US-SENA (866-987-7362)
General Information Toll Free (US/Canada): 8668-US-SENA (866-887-7362)
EU / Africa
Tel: +33 (0)1 53 53 16 29 Fax: +33 (0)1 70 24 70 90
Asia / Pacific
Tel: +82-2-571-8283 Fax: +82-2-573-7710
Contact us via E-mail
General Information: info@sena.com
Sales & Distribution: sales@sena.com
Technical Support: support@sena.com
For more information,
please visit us at http://www.sena.com
Standards
- Bluetooth 2.0+EDR Class 1
- USB 2.0
Max Transfer Rate
- 3 Mbps (EDR)
Frequency Range
- 2.402 ~ 2.480GHz
Transmit Output Power
- +18dBm
Receive Sensitivity
- Basic 1Mbps: -90dBm
- EDR 2Mbps: -88dBm
- EDR 3Mbps: -87dBm
Diagnostic LED
- Mode
- Connect
- Serial-Rx/Tx
Antenna Connector
- RP-SMA
Antenna Gain
- Default Stub Antenna: 1 dBi
- Optional Dipole Antennas: 3 dBi & 5 dBi
- Optional Patch Antenna: 9 dBi
Working Distance (In Open Field)
Stub Antenna
- Stub Antenna
300 meters
Dipole Antenna (3 dBi) - Dipole Antenna (3 dBi) 400 meters
Dipole Antenna (5 dBi) - Dipole Antenna (5 dBi) 600 meters
Patch Antenna
- Patch Antenna
1,000 meters
Driver Software
- FTDI(FT232R) USB-Serial driver in public domain
(http://www.ftdichip.com/Drivers/VCP.htm)
No Toshiba or BlueSoleil driver required.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com