Electronic Components Datasheet Search
  English  ▼

X  

SD1100 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # SD1100
Description  Provides transparent RS422/485 serial cable replacement
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SD1100 Datasheet(HTML) 2 Page - DB Lectro Inc

  SD1100 Datasheet HTML 1Page - DB Lectro Inc SD1100 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bluetooth Serial Adapter,
SD1100
Ordering Information
Specifications
Serial Interface
- Serial speed up to 921.6kbps
· RS422: TXD+, TXD-, RXD+, RXD-
· RS485: TRXD+, TRXD-
Bluetooth Interface
- Bluetooth v2.0 + EDR
- Class 1
- Profiles - SPP
- Working distance (in open field)
SAT-G01R
- SAT-G01R
100 meters
SAT-G01R
- DAT-G01R
150 meters
DAT-G01R
- DAT-G01R
200 meters
DAT-G01R
- DAT5-G01R 300 meters
DAT-G01R
- PAT-G01R
500 meters
DAT5-G01R - DAT5-G01R 400 meters
DAT5-G01R - PAT-G01R
600 meters
PAT-G01R
- PAT-G01R
1,000 meters
[Antennas]
SAT-G01R: +1dBi Stub Antenna
DAT-G01R: +3dBi Dipole Antenna
DAT5-G01R: +5dBi Dipole Antenna
PAT-G01R: +9dBi Patch Antenna
Max. Tx power: +18dBm
Receive Sensitivity: -88dBm
Configuration
- ParaniWin, ParaniUpdater
- Modem AT command set
Diagnostic LED
- Power
- Standby
- Connect
- Serial-Tx
- Serial-Rx
Power
- Power input: 5~12VDC
- Power Consumption: Minimum 2mA, Maximum 80mA
- Common Power supply options
· Power via a standard AC-plug DC-adapter
· Power via USB power cable
· Power via DC power cable
· Power via Pin 1 and Pin 6 of DB Connector
Environmental
- Operating temperature: -20˚C to 70˚C
- Storage temperature: -40˚C to 85˚C
- Humidity: 90% Non-condensing
Physical properties
- Dimension (L x W x H)
· 76 x 31 x 16 (mm)
- Weight
· 24g
Certification
- FCC, CE, KCC, TELEC, SIG
Warranty
- 3-year limited warranty
Single Pack SD1100-A1 Includes ※ Stub antenna NOT included
- SD1100: SD1100 Bluetooth-serial adapter
Single Pack SD1100-00 Includes
- SD1100: SD1100 Bluetooth-serial adapter
- DPA-G01: Parani-DPA DC power cable for SD series
- UPA-G01: Parani-UPA USB Power Cable
- SAT-G01R: 1 dBi Stub Antenna - RP-SMA Plug Right-hand Thread
- DB9FTB-G01: DB9 Male to TerminalBlock Adapter
Single Pack SD1100-01 Includes
- Single pack SD1100-00
- OPA-G01: Parani-OPA External Power Adaptor - Includes one of four (EU, America, UK, Australia) regional
power plugs
- DB9FTB-G01: DB9 Male to TerminalBlock Adapter
Bulk Pack SD1100-B10 Includes
- SD1100(
×10EA): SD1100 Bluetooth-serial adapter
- SAT-G01R(
×10EA): 1 dBi Stub Antenna - RP-SMA Plug Right-hand Thread
- DPA-G01(
×10EA): Parani-DPA DC power cable for SD series
Optional Accessories
- SAT-G01R: 1 dBi Stub Antenna - RP-SMA Plug Right-hand Thread
- DPA-G01: Parani-DPA DC power cable for SD series
- UPA-G01: Parani-UPA USB Power Cable
- OPA-G01: Parani-OPA External Power Adaptor - Includes one of four (EU, America, UK, Australia) regional
power plugs
- DAT-G01R: 3 dBi Dipole Antenna - RP-SMA Plug Right-hand Thread
- DAT5-G01R: 5 dBi Dipole Antenna - RP-SMA Plug Right-hand Thread
- PAT-G01R: 9dBi Patch Antenna with RP-SMA Plug Right hand Thread Default Cable.
(SMA Jack Right hand Thread w/o Default Cable)
- SEC-G01R: 15cm Extension Cable(For SAT-G01R / DAT-G01R / DAT5-G01R)
- RFC-G01R: 1m Extension Cable(For PAT-G01R)
- DB9FTB-G01: DB9 Male to TerminalBlock Adapter
- LTC100PC: LTC100PC RS232-RS422/485 converter for Parani-SD1100, port-powered, DC power supply
optional
www.sena.com
U.S. / Canada / South America
Tel: 408-448-1997 Fax: 408-907-3738
Toll Free (US/Canada): 8668-US-SENA (866-887-7362)
EU / Africa
Tel: +33 (0)1 53 53 16 29 Fax: +33 (0)1 70 24 70 90
Asia / Pacific
Tel: +82-2-576-7362 Fax: +82-2-573-7710
Contact us via E-mail
General Information: info@sena.com
Sales & Distribution: sales@sena.com
Technical Support: support@sena.com
For more information,
please visit us at http://www.sena.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com