Electronic Components Datasheet Search
  English  ▼

X  

ADS7882IPFBT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7882IPFBT
Description  12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7882IPFBT Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS7882IPFBT Datasheet HTML 18Page - Texas Instruments ADS7882IPFBT Datasheet HTML 19Page - Texas Instruments ADS7882IPFBT Datasheet HTML 20Page - Texas Instruments ADS7882IPFBT Datasheet HTML 21Page - Texas Instruments ADS7882IPFBT Datasheet HTML 22Page - Texas Instruments ADS7882IPFBT Datasheet HTML 23Page - Texas Instruments ADS7882IPFBT Datasheet HTML 24Page - Texas Instruments ADS7882IPFBT Datasheet HTML 25Page - Texas Instruments ADS7882IPFBT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
21
Ω
0.1
µF
1
µF
0.1
µF
1
µF
Analog Input
Circuit
21
Ω
+VA
AGND
REFOUT
REFIN
REFM
+IN
−IN
ADS7882
Analog 5 V
AGND
AGND
21
Ω
ADS7882
21
Ω
+IN
−IN
150 pF
12
Ω
_
+
THS4031
604
Ω
130 pF
604
Ω
100
Ω
1 nF
1 k
Ω
3 k
Ω
2.5 V DC
Signal Input,
Bipolar, "1.25 V
AGND
AGND
21 W
12 W
21 W
ADS7882
+IN
–IN
150pF
_
+
THS4031
50 W
SignalInput
Unipolar0V–2.5V
ADS7882
SLAS630 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
Figure 34. Using Internal Reference
Figure 35. Typical Analog Input Circuit for Bipolar Signal
Figure 36. Typical Application Input Circuit for Unipolar Signal
22
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7882



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com