Electronic Components Datasheet Search
  English  ▼

X  

RN55D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RN55D
Description  Precision Mil-Qualified Metal Glaze Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RN55D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RN55D Datasheet HTML 1Page - List of Unclassifed Manufacturers RN55D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Precision Mil-Qualified
Metal Glaze™ Resistor
RN Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
03. 12
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Dimensions (Inches and (mm))
Nominal
Size
Body Length
BL
Body Diameter
BD
Lead Length
LL
Lead Diameter
LD
Clean Lead
1/8 watt
0.150 ±0.020
(3.8 ±0.5)
0.066 ±0.008
(1.7 ±0.2)
1.00 ±0.125
(25.4 ±3.2)
0.016 ±0.002
(0.41 ±0.05)
0.225
(5.7)
1/4 watt
0.250 ±0.015
(6.4 ±0.4)
0.090 ±0.008
(2.3 ±0.2)
1.50 ±0.125
(38.1 ±3.2)
0.025 ±0.002
(0.64 ±0.05)
0.310
(7.9)
1/2 watt
0.390 ±0.010
(9.9 ±0.3)
0.140 ±0.008
(3.6 ±0.2)
1.50 ±0.125
(38.1 ±3.2)
0.025 ±0.002
(0.64 ±0.05)
0.450
(11.4)
Physical Data
LL
LD
BL
BD
Sample Part No.
MIL Style
RL = Fixed Film Resistor
High stability
Power Rating
50 = 1/20 watt
55 = 1/10 watt
60 = 1/8 watt
T.C. Characteristics
D = ±100ppm/°C
C = ±50ppm/°C
E = ±25ppm/°C
Resistance
First three digits represent significant figures;
fourth digit is number of zeros.
Tolerance
F = ±1%, D = ±0.5%, B = ±0.1%
Ordering Data
RN
55
D 1002
F
100
80
60
0
0
125
150
175
Ambient Temperature (°C)
RN55D, 60D
40
20
165
MIL Spec. Power Derating Chart
Precision Mil-Qualified
Metal Glaze™ Resistor
RN55C, 60C
& 50C, RN55E,
60E
RN Series Issue March 2009 Sheet 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com