Electronic Components Datasheet Search
  English  ▼

X  

RN60C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RN60C
Description  Precision Mil-Qualified Metal Glaze Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RN60C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RN60C Datasheet HTML 1Page - List of Unclassifed Manufacturers RN60C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Precision Mil-Qualified
Metal Glaze™ Resistor
RN Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
03. 12
· 1/8 watt to 1/2 watt
· 10 ohms to 1M ohms
· 0.1% to 1% tolerance
· MIL-R-10509 ±25 ppm/°C to ±100
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
RN Series
• 1/8 watt to 1/2 watt
• 10 ohms to 1M ohms
• 0.1% to 1% tolerance
• MIL-R-10509 ±25 ppm/°C to ±100
Precision Mil-Qualified
Metal Glaze™ Resistor
Electrical Data
MIL Type
Marking
Tolerance
(±%)
T.C.
(ppm/°C)
Power Rating
(watts)
Resistance
Range
(ohms)
Nominal
Size
Max Voltage
Rating
RN50C*
Stamp
1
50
1/20 @ 125°C
10 to 100K
1/8W
200
RN55D
Stamp
1
100
1/8 @ 70°C
10 to 301K
1/4W
200
RN55C
Stamp
0.1, 0.5, 1
50
1/10 @ 125°C
49.9 to 100K
1/4W
200
RN55E
Stamp
0.1, 0.5, 1
25
1/10 @ 125°C
49.9 to 100K
1/4W
200
RN60D
Stamp
1
100
1/4 @ 70°C
10 to 1M
1/2W
300
RN60C
Stamp
0.1, 0.5, 1
50
1/8 @ 125°C
49.9 to 499K
1/2W
250
RN60E
Stamp
0.1, 0.5, 1
25
1/8 @ 125°C
49.9 to 499K
1/2W
250
* Conformally coated construction on all 1/8 nominal sizes.
Test Conditions
MIL-R-10509 Test
Limits Allowed
RN55 Max.
% R (±3 )
RN55 (D)
RN55 (C)
T0-55
T2-55
Temperature Coefficient (ppm/°C)
+200/-500
±50
±100
±50
Low Temperature Operation
±0.50%
±0.25%
±0.10%
±0.10%
Temperature Cycling
±0.50%
±0.25%
±0.10%
±0.10%
Moisture Resistance
±1.50%
±0.50%
±0.50%
±0.50%
Short Time Overload
±0.50%
±0.25%
±0.10%
±0.10%
Load Life (70°C-1/2W, 125°C-1/100W) 1000 hours
±1.00%
±0.50%
±0.30%
±0.20%
Terminal Strength
±0.20%
±0.20%
±0.05%
±0.05%
Effect of Soldering
±0.50%
±0.10%
±0.10%
±0.10%
Shock
±0.50%
±0.25%
±0.05%
±0.05%
Vibration
±0.50%
±0.25%
±0.05%
±0.05%
High Temperature Exposure (150°C No Load)
N/A
N/A
±0.50%
±0.50%
2X Rated Power for 10,000 hours @ 70°C
N/A
N/A
±0.50%
±0.50%
Temperature Rise @ 1/4W Power Load
-
-
See Temperature Rise Chart
Dielectric Strength
±0.50%
±0.25%
±0.05%
±0.05%
Environmental Data
Tough molded jacket
Metal Glaze thick film
element fired at 1000°C to
solid ceramic core
Tin-lead electroplated copper leads
Spiraled or laser
helixed to
resistance value,
tolerance
High temperature
soldered termination-lead
assembly
Digital marking per
MIL-R-10509
RN Series Issue March 2009 Sheet 1 of 2
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
RN Series
• 1/8 watt to 1/2 watt
• 10 ohms to 1M ohms
• 0.1% to 1% tolerance
• MIL-R-10509 ±25 ppm/°C to ±100
Precision Mil-Qualified
Metal Glaze™ Resistor
Electrical Data
MIL Type
Marking
Tolerance
(±%)
T.C.
(ppm/°C)
Power Rating
(watts)
Resistance
Range
(ohms)
Nominal
Size
Max Voltage
Rating
RN50C*
Stamp
1
50
1/20 @ 125°C
10 to 100K
1/8W
200
RN55D
Stamp
1
100
1/8 @ 70°C
10 to 301K
1/4W
200
RN55C
Stamp
0.1, 0.5, 1
50
1/10 @ 125°C
49.9 to 100K
1/4W
200
RN55E
Stamp
0.1, 0.5, 1
25
1/10 @ 125°C
49.9 to 100K
1/4W
200
RN60D
Stamp
1
100
1/4 @ 70°C
10 to 1M
1/2W
300
RN60C
Stamp
0.1, 0.5, 1
50
1/8 @ 125°C
49.9 to 499K
1/2W
250
RN60E
Stamp
0.1, 0.5, 1
25
1/8 @ 125°C
49.9 to 499K
1/2W
250
* Conformally coated construction on all 1/8 nominal sizes.
Test Conditions
MIL-R-10509 Test
Limits Allowed
RN55 Max.
% R (±3 )
RN55 (D)
RN55 (C)
T0-55
T2-55
Temperature Coefficient (ppm/°C)
+200/-500
±50
±100
±50
Low Temperature Operation
±0.50%
±0.25%
±0.10%
±0.10%
Temperature Cycling
±0.50%
±0.25%
±0.10%
±0.10%
Moisture Resistance
±1.50%
±0.50%
±0.50%
±0.50%
Short Time Overload
±0.50%
±0.25%
±0.10%
±0.10%
Load Life (70°C-1/2W, 125°C-1/100W) 1000 hours
±1.00%
±0.50%
±0.30%
±0.20%
Terminal Strength
±0.20%
±0.20%
±0.05%
±0.05%
Effect of Soldering
±0.50%
±0.10%
±0.10%
±0.10%
Shock
±0.50%
±0.25%
±0.05%
±0.05%
Vibration
±0.50%
±0.25%
±0.05%
±0.05%
High Temperature Exposure (150°C No Load)
N/A
N/A
±0.50%
±0.50%
2X Rated Power for 10,000 hours @ 70°C
N/A
N/A
±0.50%
±0.50%
Temperature Rise @ 1/4W Power Load
-
-
See Temperature Rise Chart
Dielectric Strength
±0.50%
±0.25%
±0.05%
±0.05%
Environmental Data
Tough molded jacket
Metal Glaze thick film
element fired at 1000°C to
solid ceramic core
Tin-lead electroplated copper leads
Spiraled or laser
helixed to
resistance value,
tolerance
High temperature
soldered termination-lead
assembly
Digital marking per
MIL-R-10509
RN Series Issue March 2009 Sheet 1 of 2


Similar Part No. - RN60C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN60C ETC2-RN60C Datasheet
162Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
RN60C ETC2-RN60C Datasheet
207Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
RN60C ETC2-RN60C Datasheet
207Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
logo
American Accurate Compo...
RN60C100BB AAC-RN60C100BB Datasheet
141Kb / 2P
RN Series Molded Metal Film High Precision Resistors
RN60C100BM AAC-RN60C100BM Datasheet
141Kb / 2P
RN Series Molded Metal Film High Precision Resistors
More results

Similar Description - RN60C

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
ARG IRCTT-ARG Datasheet
154Kb / 1P
High Power Metal Glaze??Resistor
RL07S1001G IRCTT-RL07S1001G Datasheet
152Kb / 3P
Semi-Precision Mil-Qualified Metal Glaze Resistor
RL05C1001FS IRCTT-RL05C1001FS Datasheet
152Kb / 3P
Established Reliability Mil-Qualified Metal Glaze Resistor
RL50D1002F IRCTT-RL50D1002F Datasheet
100Kb / 2P
Precision Mil-Qualifi ed Metal Glaze Resistor
logo
List of Unclassifed Man...
RLR07C1000GS ETC2-RLR07C1000GS Datasheet
211Kb / 3P
Established Reliability Mil-QualifiedMetal Glaze Resistor
RLR05C5101GS ETC2-RLR05C5101GS Datasheet
154Kb / 3P
Established Reliability Mil-Qualified MEtal Glaze Resistor
RN55D1003F ETC2-RN55D1003F Datasheet
162Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
RN60D1002F ETC2-RN60D1002F Datasheet
207Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
RN55C1002F ETC2-RN55C1002F Datasheet
207Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
logo
TT Electronics.
RLR20C2611FS-SLT TTELEC-RLR20C2611FS-SLT Datasheet
254Kb / 3P
Established Reliability Mil-Qualified Metal Glaze??Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com