Electronic Components Datasheet Search
  English  ▼

X  

TR0006 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # TR0006
Description  NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0006 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  TR0006 Datasheet HTML 1Page - Solid States Devices, Inc TR0006 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
STX7905
PRELIMINARY
VDC
450
600
-
BVCEO
BVCER
Collector-Emitter Breakdown Voltage*
V
600
-
Collector-Base Breakdown Voltage
(IC = 100uADC)
V
6-
BVEBO
Emitter-Base Breakdown Voltage
(IE = 20uADC)
:A
-1
ICBO
Collector Cutoff Current
(VCB = 600VDC)
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
MIN
MAX
ELECTRICAL CHARACTERISTICS
SYMBOL
UNITS
DC Current Gain*
40
40
30
0.5
Collector-Emitter Saturation Voltage*
(IC = 25mADC, IB = 2.5mADC)
VCE(SAT)
VDC
HFE
Base-Emitter Saturation Voltage*
(IC = 25mADC, IB = 2.5mADC)
1.0
VDC
VBE(SAT)
Current Gain Bandwidth Product
(IC = 50mADC , VCE = 10VDC, f = 1MHz)
25
-
MHz
fT
15
pf
Output Capacitance
(VCB= 30VDC , IE = 0ADC, f = 1.0MHz)
-
Cob
*Pulse Test: Pulse Width = 300us, Duty Cycle = 2%
BVCBO
(IC = 1mADC; VCE = 10VDC)
(IC = 25mADC; VCE = 10VDC)
(IC = 100mADC; VCE = 15VDC)
-
-
200
200
-
( IC = 1 mADC)
(IC = 100
:ADC; RBE = 1kS)
:A
-1
IEBO
Emmiter Cutoff Current
(VEB = 6VDC)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com