Electronic Components Datasheet Search
  English  ▼

X  

TR0007 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # TR0007
Description  PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0007 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  TR0007 Datasheet HTML 1Page - Solid States Devices, Inc TR0007 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
STX6905
FEATURES:
DATA SHEET #: TR0007A
MAXIMUM RATINGS
SYMBOL
UNITS
VALUE
VEBO
6
Volts
Emitter-Base Voltage
VCBO
600
Volts
Collector-Base Voltage
IC
1
Collector Current
Collector-Emitter Voltage
RBE = 1 kOhms
VCEO
VCER
450
600
Amps
Volts
Watts
mW/ oC
•BVCBO 600V.
• Fast Switching.
• Low Leakage.
• Low Saturation Voltage.
• 200oC Operating, Gold Eutectic Die Attach.
• Designed for Complementary Use with STX7905.
TO-59
CASE OUTLINE: TO-59
Pin Out:
1 - Collector
2 - Base
3 - Emmiter
1 AMP
600 VOLTS
PNP TRANSISTOR
Total Device Dessipation @ TC = 25
oC
Derate above 25oC
PD
20
133
IB
0.5
Base Current
Amps
DESIGNER'S DATA SHEET
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
oC
Operating and Storage Temperature
TJ, TSTG
-65 to +200
oC/W
Thermal Resistance, Junction to Case
R1JC
7.5


Similar Part No. - TR0007

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TR0007B TAI-SAW-TR0007B Datasheet
405Kb / 7P
DR Filter 5235MHz 180MHz BW
logo
Solid States Devices, I...
TR0007 SSDI-TR0007_15 Datasheet
57Kb / 2P
PNP TRANSISTOR
More results

Similar Description - TR0007

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com