Electronic Components Datasheet Search
  English  ▼

X  

TR0022C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # TR0022C
Description  PNP High Speed Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0022C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  TR0022C Datasheet HTML 1Page - Solid States Devices, Inc TR0022C Datasheet HTML 2Page - Solid States Devices, Inc TR0022C Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0022C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT2907A
__ __
│
│
│
│
│
└ Screening 2/ __= Commercial
TX= TX Level
TXV= TXV Level
S= S Level
└ Package
-4 = LCC4
/18 = TO-18
/46 = TO-46
SFT2907A
Series
600 mA 60 Volts
PNP High Speed Transistor
Features:
• High Speed Switching Transistor
• Multiple Devices Reduce Board Space
• High Power Dissipation: Up to 500 mW
• Replacement for 2N2907A and 2N2907AUA
• TX, TXV, S-Level Screening Available 2/
• NPN Complimentary Parts Available (SFT2222A)
Maximum Ratings3/
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
60
Volts
Collector – Base Voltage
VCBO
60
Volts
Emitter – Base Voltage
VEBO
5
Volts
Continuous Collector Current
IC
600
mA
Power Dissipation @ TA= 25ºC
PD
500
mW
Operating & Storage Temperature
TOP & Tstg
-65 to +200
ºC
Maximum Thermal Resistance (Junction to PCB)
RθJA
325
ºC/W
Notes:
1/ For ordering information, price, and availability contact
factory.
2/ Screening based on MIL-PRF-19500. Screening flows
available on request.
3/ Unless otherwise specified, all electrical characteristics
@ 25ºC.
4/ Pulse test: pulse width= 300µsec, duty cycle= 2%
TO-46
LCC4
TO-18
Available Part Numbers:
SFT2907A-4
SFT2907A/18
SFT2907A/46
PIN ASSIGNMENT
Package
Function
Collector
Emitter
Base
-4
Normal
Pin 1
Pin 2
Pin 3
/18
Normal
Pin 1
Pin 2
Pin 3
/46
Normal
Pin 1
Pin 2
Pin 3


Similar Part No. - TR0022C

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TR0022A TAI-SAW-TR0022A Datasheet
461Kb / 6P
Dielectric filter 5825MHz BW 200MHz 4.46x2.75mm
More results

Similar Description - TR0022C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5007 ETC-2N5007 Datasheet
481Kb / 6P
HIGH SPEED PNP TRANSISTOR
logo
Solid States Devices, I...
SFT501 SSDI-SFT501_1 Datasheet
121Kb / 2P
HIGH SPEED PNP Transistor
SFT501-J SSDI-SFT501-J Datasheet
122Kb / 2P
HIGH SPEED PNP Transistor
SFT2907A SSDI-SFT2907A_1 Datasheet
177Kb / 3P
PNP High Speed Transistor
SFT5001 SSDI-SFT5001_1 Datasheet
128Kb / 2P
High Speed PNP Transistor
SFT5333A SSDI-SFT5333A_1 Datasheet
115Kb / 2P
HIGH SPEED PNP TRANSISTOR
TR0040 SSDI-TR0040 Datasheet
121Kb / 2P
HIGH SPEED PNP Transistor
TR0054C SSDI-TR0054C Datasheet
115Kb / 2P
HIGH SPEED PNP TRANSISTOR
TR0099 SSDI-TR0099 Datasheet
128Kb / 2P
High Speed PNP Transistor
TR0100B SSDI-TR0100B Datasheet
132Kb / 2P
HIGH SPEED PNP Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com