Electronic Components Datasheet Search
  English  ▼

X  

XENG1491 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XENG1491
Description  XAC Standard Duty Pistol Grips, Enclosures, Contact Blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XENG1491 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XENG1491 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2012 Schneider Electric
All Rights Reserved
19-119
Pendant Stations
XAC Standard Duty Pistol Grips, Enclosures, Contact Blocks
Refer to Catalog 9001CT1001
a
Cannot be used with XACA03 pendant.
Wiring Diagrams
b
Booted push buttons are for cover mounting only. All other operators can be mounted on cover or bottom.
c
Trigger action mushroom heads are tamper proof in that a change of contact state is not possible by teasing or floating the operator.
d
Not for use with XEN G contact blocks.
e
For lamps, see page 19-120.
Table 19.359: Contact Blocks for Operators in Cover
Description
Wiring Diagram
Catalog Number
$ Price
1 N.O./spring return/1 speed
—
ZB2BE101
16.40
1 N.C./spring return/1 speed
—
ZB2BE102
1 N.O. early close & 1 N.C. & 1 N.O./spring return/2 speed
Figure 1
XENG1191
49.00
1 N.C. & 2 N.O./spring return/1 speed
Figure 2
XENG1491
1 N.O. & 1 N.O. latching/1 speed/interlocked
Figure 3
XENG3781
1 N.O. & 1 N.C. latching/1 speed/interlocked
Figure 4
XENG3791
3 N.C.—all
direct acting
Figure 5
XENT1192
Table 19.360: Contact Blocks for Operators in Base of Enclosure a
1 N.O./1 speed
XACS101
28.60
1 N.C./1 speed
XACS102
2 N.O./1 speed
XACS103
38.20
2 N.C./1 speed
XACS104
1 N.O. & 1 N.C./1 speed
XACS105
Table 19.361: Operators b
Description
Color
Catalog Number
$ Price
Booted push button
White
XACA9411
8.20
Black
XACA9412
Green
XACA9413
Red
XACA9414
Yellow
XACA9415
Blue
XACA9416
Brown
XACA9419
Table 19.362: Mushroom Operators
Description
Mushroom Size
Color
Catalog Number
$ Price
Mushroom head, momentary
30 mm
Red
ZA2BC44
36.80
Mushroom head, push to maintain/turn-to-release
30 mm
Red
ZA2BS44
79.00
40 mm
Red
ZA2BS54
Mushroom head, push to maintain/turn-to-release
(trigger action)
c
30 mm
Red
ZA2BS834
112.00
40 mm
Red
ZA2BS844
Mushroom head, push to maintain/key turn-to-release
30 mm
Red
ZA2BS74
40 mm
Red
ZA2BS14
Mushroom head, push to maintain/key turn-to-release
(trigger action)
c
40 mm
Red
ZA2BS944
Table 19.363: Selector Switches and Wobble Stick
Description
Color
Catalog Number
$ Price
Selector switch/2 position—maintained
d
Black
ZA2BD2
30.00
Selector switch/3 position—maintained
d
Black
ZA2BD3
Selector switch/2 position—maintained key operated—key removal from LT or RT position
d
NA
ZA2BG4
112.00
Selector switch/3 position—maintained key operated—key removal from LT or RT position
d
NA
ZA2BG5
Wobble stick (bottom mounting recommended)
Black
ZA2BB2
102.00
Red
ZA2BB4
Table 19.364: Pilot Light Components
Description
Color
Catalog Number
$ Price
Direct supply base/without lamp (for 6 to 120 V applications) (AC/DC)
e
—
ZB2BV006
24.60
ZB2BE10
XENG37
XENG1191
XACS10
13
14
21
22
33
34
13
14
21
22
33
34
13
14
13
14
13
14
11
12
N/C + N/C + N/C
with positive
opening operation
Figure 1
Figure 3
Figure 4
Figure 2
Figure 5
Booted Push Button
Mushroom Head
Selector Switch
Selector Switch
(key operated)
Wobble Stick
CS2
Discount
Schedule


Similar Part No. - XENG1491

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XENG1491 SCHNEIDER-XENG1491 Datasheet
156Kb / 3P
Harmony XAC, Single contact block, spring return, single speed, spring return, front mounting, 2 NO 1 NC
Mar 21, 2022
More results

Similar Description - XENG1491

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M39029-56 GLENAIR-M39029-56 Datasheet
258Kb / 2P
Standard Duty Electrical Socket Contact
M39029-57 GLENAIR-M39029-57 Datasheet
484Kb / 2P
Standard Duty Electrical Socket Contact
M39029-58 GLENAIR-M39029-58 Datasheet
478Kb / 2P
Standard Duty Electrical Pin Contact
M39029-64 GLENAIR-M39029-64 Datasheet
220Kb / 1P
Standard Duty Electrical Pin Contact
M39029-83 GLENAIR-M39029-83 Datasheet
249Kb / 2P
Standard Duty Electrical Pin Contact
M39029-84 GLENAIR-M39029-84 Datasheet
254Kb / 2P
Standard Duty Electrical Socket Contact
850-021 GLENAIR-850-021 Datasheet
222Kb / 1P
Standard Duty Electrical Socket Contact
850-022 GLENAIR-850-022 Datasheet
175Kb / 1P
Standard Duty Electrical Pin Contact
logo
Schneider Electric
XACA205 SCHNEIDER-XACA205 Datasheet
94Kb / 5P
pendant station XAC-A pistol grip - 2 push buttons
Aug 15, 2019
logo
Molex Electronics Ltd.
1300950124 MOLEX-1300950124 Datasheet
274Kb / 1P
PULLING GRIPS HEAVY DUTY STANDARD LENGHT K-TYPE
2022/06/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com