Electronic Components Datasheet Search
  English  ▼

X  

TR0025 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # TR0025
Description  NPN HIGH SPEED POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0025 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  TR0025 Datasheet HTML 1Page - Solid States Devices, Inc TR0025 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
2
1
SOLID STATE DEVICES, INC.
SFT6338 - SFT6341
SERIES
DATA SHEET #:
TR0025A
MAXIMUM RATINGS
SYMBOL
UNITS
VALUE
IC(pk)
50
Peak Collector Current
Collector-Emitter Voltage
VCEO
100
120
140
150
Amps
Volts
W
W/oC
oC/W
25 AMP
100 - 150 VOLTS
NPN HIGH SPEED
POWER TRANSISTOR
Thermal Resistance, Junction to Case
R2JC
Total Device Dissipation @ TC = 25
oC
Derate above 25oC
PD
IB
10
Continious Base Current
Amps
DESIGNER'S DATA SHEET
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
SFT6338 M
TX
SFT6339 M
TX
SFT6340 M
TX
SFT6341 M
TX
Part Number /Ordering Information 1/
Screening 2/: _ = Not Screened
TX
= TX Level
TXV = TXV Level
S
= Space Level
Lead Bend 3/4/_ = Straight
UB = Up Bend
DB = Down Bend
Package: 3/ M
= TO-254
Z
= TO-254Z
/3
= TO-3
APPLICATION NOTES:
• Replaces Industry Standard 2N6338 thru
2N6341
• Designed for High Voltage, High Speed,
Power Switching Applications Such as:
• Off-Line Supplies
• Converter Circuits
• Pulse Width Modulated Regulators
• Motor Controls
• Deflection Circuits
• Designed for Complimentary Use with
SFT6436 thru SFT6438
oC
Operating and Storage Temperature
TJ, TSTG
-65 to +200
200
1.14
1.0
IC
25
Continuous Collector Current
Amps
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT6338
SFT6339
SFT6340
SFT6341
Collector-Base Voltage
SFT6338
SFT6339
SFT6340
SFT6341
VCBO
120
140
160
180
Volts
TO-254
TO-254Z
TO-3


Similar Part No. - TR0025

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TR0025A TAI-SAW-TR0025A Datasheet
280Kb / 7P
Dielectric filter 5235 MHz SMD 8.7X4.27 mm (BW=180MHz)
More results

Similar Description - TR0025

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT2222A SSDI-SFT2222A Datasheet
176Kb / 3P
NPN High Speed Transistor
SFT5002 SSDI-SFT5002_1 Datasheet
117Kb / 2P
NPN HIGH SPEED POWER TRANSISTOR
SFT6678 SSDI-SFT6678_1 Datasheet
205Kb / 3P
NPN High Speed Power Transistor
logo
New Jersey Semi-Conduct...
2N5330 NJSEMI-2N5330 Datasheet
247Kb / 2P
HIGH SPEED NPN TRANSISTOR
SVT6062 NJSEMI-SVT6062 Datasheet
125Kb / 2P
HIGH SPEED NPN POWER DARLINGTON TRANSISTOR
logo
Solid States Devices, I...
TR0020E SSDI-TR0020E Datasheet
126Kb / 2P
NPN HIGH SPEED POWER TRANSISTOR
TR0024A SSDI-TR0024A Datasheet
38Kb / 2P
NPN HIGH SPEED TRANSISTOR
TR0027 SSDI-TR0027 Datasheet
44Kb / 2P
HIGH SPEED NPN TRANSISTOR
TR0041 SSDI-TR0041 Datasheet
36Kb / 2P
HIGH SPEED NPN Transistor
TR0105B SSDI-TR0105B Datasheet
150Kb / 2P
HIGH SPEED NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com