Electronic Components Datasheet Search
  English  ▼

X  

TR0026C Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # TR0026C
Description  HIGH VOLTAGE / HIGH SPEED NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0026C Datasheet(HTML) 2 Page - Solid States Devices, Inc

  TR0026C Datasheet HTML 1Page - Solid States Devices, Inc TR0026C Datasheet HTML 2Page - Solid States Devices, Inc TR0026C Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0026C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPT5502 and SPT5503
Electrical Characteristic
3/
Symbol
Min
Max
Units
Collector – Emitter Breakdown Voltage
(IC = 200μA, IB = 0A, RBE = 1kΩ)
SPT5502
SPT5503
BVCER
700
800
––
––
VDC
Collector – Cutoff Current
(IB = 0ADC)
VCE = 300VDC
VCE = 400VDC
ICEO
––
––
10
10
µADC
Collector – Cutoff Current
(VCE = Rated VCE, VEB(off) = 1.5VDC)
TC = 25°C
TC = 100°C
ICEX
––
––
10
0.5
µADC
mADC
Collector – Cutoff Current
(VCB = Rated VCB, IE = 0ADC)
ICBO
––
10
µADC
Emitter – Cutoff Current
(VBE = 10 VDC, IC = 0ADC)
IEBO
––
1
µADC
DC Current Gain *
(VCE = 5VDC)
IC = 50mADC
IC = 0.5ADC
IC = 1ADC
hFE
15
10
5
––
90
50
––
Collector – Emitter Saturation Voltage *
IC = 0.5ADC, IB = 0.1ADC
IC = 1ADC, IB = 0.25ADC
VCE(Sat)
––
––
0.5
1.0
VDC
Base – Emitter Saturation Voltage *
IC = 0.5ADC, IB = 0.1ADC
IC = 1ADC, IB = 0.25ADC
VBE(Sat)
––
––
1.0
1.2
VDC
Current Gain Bandwidth Product
(VCE = 10VDC, IC = 100mADC, f = 1MHz)
fT
35
––
MHz
Output Capacitance
(VCB = 20VDC, IE = 0, f = 1MHz)
Cob
––
35
pF
Second Breakdown Collector Current
with Base Forward Biased
(VCE = 200VDC, t = 1 sec(Non-Repetitive))
IS/B
50
––
mADC
Delay Time
Rise Time
VCC = 125VDC, IC = 1ADC,
IB1 = 200mADC
td
tr
––
––
100
300
nsec
Storage Time
Fall Time
VCC = 125VDC, IC = 1ADC,
IB1 = IB2 = 200mADC
ts
tf
––
––
3
500
µsec
nsec



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com