Electronic Components Datasheet Search
  English  ▼

X  

TR0031G Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # TR0031G
Description  Dual PNP Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0031G Datasheet(HTML) 2 Page - Solid States Devices, Inc

  TR0031G Datasheet HTML 1Page - Solid States Devices, Inc TR0031G Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT2907A2
Series
Electrical Characteristic
4/
Symbol
Min
Max
Units
Collector – Emitter Sustaining Voltage
IC= 10 mA
BVCEO
60
––
Volts
Collector Cutoff Current
VCE= 50 V
ICES
––
50
nA
Collector Cutoff Current
VCB= 50 V
VCB= 60 V
VCB= 50 V, TA= 150ºC
ICBO
––
0.01
10
10
µA
Emitter Cutoff Current
VEB= 4.0 V
VEB= 5.0 V
IEBO
––
0.05
10
µA
DC Forward Current Transfer Ratio 5/
VCE= 10 V, IC= 0.1 mA
VCE= 10 V, IC= 1.0 mA
VCE= 10 V, IC= 10 mA
VCE= 10 V, IC= 150 mA
VCE= 10 V, IC= 500 mA
VCE= 10 V, IC= 10 mA, TA= -55ºC
HFE
75
100
100
100
50
50
––
450
—
300
––
––
Small-signal Forward Current Transfer
Ratio
VCE= 10 V, IC= 1.0 mA, f= 1 kHz
hfe
100
—
Collector – Emitter Saturation Voltage 5/
IC= 150 mA, IB= 15 mA
IC= 500 mA, IB= 50 mA
VCE(Sat)
––
––
0.4
1.6
Volts
Base – Emitter Saturation Voltage 5/
IC= 150 mA, IB= 15 mA
IC= 500 mA, IB= 50 mA
VBE(Sat)
0.6
––
1.3
2.6
Volts
Frequency Transition
VCE= 20 V, IC= 20 mA, f= 100 MHz
fT
200
––
MHz
Switching Times
VCC= 30 V, IC= 150 mA, IB1= IB2= 15 mA
VCC= 6 V, IC= 150 mA, IB1= IB2= 15 mA
ton
toff
––
––
45
300
ns
Output Capacitance
VCE= 10 V, f= 1MHz
cob
––
8.0
pF
Input Capacitance
VCE= 2.0 V, f= 1MHz
cib
––
30
pF
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics @ 25ºC.
5/ Pulse Test: Pulse Width= 300µsec, Duty Cycle= 2%
Available Part Numbers:
SFT2907A2GW
PIN ASSIGNMENT
Package
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
GW
Collector1
Base1
Emitter1
Collector2
Base2
Emitter2
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0031G
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com