Electronic Components Datasheet Search
  English  ▼

X  

TR0040 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # TR0040
Description  HIGH SPEED PNP Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0040 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  TR0040 Datasheet HTML 1Page - Solid States Devices, Inc TR0040 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT501 and SFT503
Series
Electrical Characteristic
4/
Symbol
Min
Typ
Max
Units
Collector – Emitter Breakdown Voltage
IC = 50mA
BVCEO
150
200
––
Volts
Collector – Base Breakdown Voltage
IC = 200µA
BVCBO
200
275
––
Volts
Emitter – Base Breakdown Voltage
IE = 200µA
BVEBO
7
13
––
Volts
Collector – Cutoff Current
VCE = 100 V
ICEO
––
––
1.0
µA
Collector – Cutoff Current
VCB = 100 V
ICBO
––
––
500
nA
Emitter – Cutoff Current
VEB = 6 V
IEBO
––
––
500
nA
DC Current Gain *
SFT501
SFT503
VCE = 5V, IC = 50mA
VCE = 5V, IC = 2.5A
VCE = 5V, IC = 5A
VCE = 5V, IC = 50mA
VCE = 5V, IC = 2.5A
VCE = 5V, IC = 5A
hFE
20
30
20
50
50
40
––
––
70
––
––
70
––
––
––
––
––
––
––
Collector – Emitter Saturation Voltage *
IC = 2.5A, IB = 250mA
IC = 5.0A, IB = 500mA
VCE(Sat)
––
––
0.35
0.6
0.75
1.5
Volts
Base – Emitter Saturation Voltage *
IC = 2.5A, IB = 250mA
IC = 5.0A, IB = 500mA
VBE(Sat)
––
––
1.0
1.2
1.3
1.5
Volts
Current Gain Bandwidth Product
VCE = 5V, IC = 0.5A, f = 10MHz
fT
40
60
––
MHz
Output Capacitance
VCB = 10V, IE = 0A, f = 1MHz
cob
––
130
225
pF
Input Capacitance
VBE = 10V, IC = 0A, f = 1MHz
Cib
––
450
600
pF
Delay Time
td
––
25
50
nsec
Rise Time
tr
––
40
250
nsec
Storage Time
tS
––
320
600
nsec
Fall Time
VCC = 50V,
IC = 5A,
IB1 = IB2 = 0.5A
tf
––
130
300
nsec
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
B17BH DATA SHEET #: TR0040D
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com