Electronic Components Datasheet Search
  English  ▼

X  

TR0045B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # TR0045B
Description  Dual NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0045B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  TR0045B Datasheet HTML 1Page - Solid States Devices, Inc TR0045B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT2369A2
__ __
│
│
│
│
│
└ Scre
ening 2/ __= Commercial
TX= TX Level
TXV= TXV Level
S= S Level
└
Package GW= Gullwing
SFT2369A2
Series
Dual Microminiature Package
100 mA 15 Volts
Dual NPN Transistor
Features:
• High Speed Switching Transistor
• Suitable in chopper, UHF and RF application
• Multiple Devices Reduce Board Space
• Replacement for 2N2369AU
• TX, TXV, S-Level Screening Available 2/
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
15
Volts
Collector – Base Voltage
VCBO
40
Volts
Emitter – Base Voltage
VEBO
4.5
Volts
Continuous Collector Current
IC
100
mA
Power Dissipation @ TA= 25ºC
Per Device
Total
PD
360
500
mW
Operating & Storage Temperature
TOP & Tstg
-65 to +200
ºC
Maximum Thermal Resistance (Junction to PCB)
RθJ-PCB
350
ºC/W
Gullwing (GW)
Tolerances:
.xx ±.01
.xxx ±.005
.193
.015±.010
.040
±.010
.350
±.010
6x R.010
.033
3x .015
.010
.107
.130
2x .050
(=.100)
6x .030
.107
.034
.125
6x .010
.025
5x R.018
.015
.035
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0045B
DOC


Similar Part No. - TR0045B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TR0040 SSDI-TR0040 Datasheet
121Kb / 2P
HIGH SPEED PNP Transistor
logo
TAI-SAW TECHNOLOGY CO.,...
TR0040AA0095 TAI-SAW-TR0040AA0095 Datasheet
280Kb / 6P
Dielectric filter 3550MHz size15.9x4.4mm
logo
Solid States Devices, I...
TR0041 SSDI-TR0041 Datasheet
36Kb / 2P
HIGH SPEED NPN Transistor
logo
TAI-SAW TECHNOLOGY CO.,...
TR0041AA0092 TAI-SAW-TR0041AA0092 Datasheet
265Kb / 7P
Dielectric filter 5795MHz BW 80MHz Size 8.7x3.22mm
logo
Solid States Devices, I...
TR0043E SSDI-TR0043E Datasheet
128Kb / 2P
NPN Transistor
More results

Similar Description - TR0045B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com